Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7978 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7978
Description  9.9 Gbps - 11.3 Gbps High Gain Transimpedance Amplifier for TO-Can Based ROSA Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7978 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7978 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7978 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
9.9 Gbps – 11.3 Gbps High Gain Transimpedance Amplifier for TO-Can Based ROSA Applications
VSC7978
GENERAL DESCRIPTION:
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
For more information on Vitesse Products visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE
or sales@vitesse.com
©2004 Vitesse Semiconductor Corporation
Vitesse, ASIC-Friendly, FibreTimer, TimeStream and Snoop Loop are trademarks of Vitesse Semiconductor Corporation.
All other trademarks or registered trademarks mentioned herein are the property of their respective holders. Vitesse
Semiconductor Corporation ("Vitesse") retains the right to make changes to its products or specifications to improve
performance, reliability or manufacturability. All information in this document, including descriptions of features,
functions, performance, technical specifications and availability, is subject to change without notice at any time.
The VSC7978 is a 9.9 Gbps – 11.3 Gbps high performance,
low power transimpedance amplifier designed for use in
TO-46 Can based Receiver Optical Sub Assemblies (ROSA)
for optical communication networks; SONET/SDH (OC-
192/STM-64), 10G Ethernet, 10G Fiber Channel and OTN
applications. The device is intended for use with a PIN
photo detector or APD, and is capable of amplifying input currents of up to and
greater than 3.5mAp-p with low duty-cycle distortion. The VSC7978 offers
4kohm differential transimpedance, eliminating the need for an additional post-
amplifier. The outputs limit to a typical differential value of 300mVp-p,
increasing the dynamic range of the system by reducing the possibility of
exceeding the input voltage range of the transceiver device. A space-saving
filter connection is provided for a positive bias to the photo detector through a
50ohm resister to external VCCPD. The VSC7978 operates at 3.3V power supply
and is offered as bare die form.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com