Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902EP Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2902EP
Description  Low Power Quad Operational Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2902EP Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2902EP Datasheet HTML 1Page - National Semiconductor (TI) LM2902EP Datasheet HTML 2Page - National Semiconductor (TI) LM2902EP Datasheet HTML 3Page - National Semiconductor (TI) LM2902EP Datasheet HTML 4Page - National Semiconductor (TI) LM2902EP Datasheet HTML 5Page - National Semiconductor (TI) LM2902EP Datasheet HTML 6Page - National Semiconductor (TI) LM2902EP Datasheet HTML 7Page - National Semiconductor (TI) LM2902EP Datasheet HTML 8Page - National Semiconductor (TI) LM2902EP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Absolute Maximum Ratings (Note 13)
If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage, V
+
26V
Differential Input Voltage
26V
Input Voltage
−0.3V to +26V
Input Current
(V
IN < −0.3V) (Note 6)
50 mA
Power Dissipation (Note 4)
Molded DIP
1130 mW
Small Outline Package
800 mW
Output Short-Circuit to GND
(One Amplifier) (Note 5)
V
+
≤ 15V and T
A = 25˚C
Continuous
Operating Temperature Range
−40˚C to +85˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature (Soldering, 10 seconds)
220˚C
Soldering Information
Small Outline Package
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
ESD Tolerance (Note 14)
250V
Electrical Characteristics
V
+ = +5.0V, unless otherwise stated (Notes 7, 8)
Parameter
Conditions
LM2902
Units
Min
Typ
Max
Input Offset Voltage (Note 9)
T
A = 25˚C
2
7
mV
Input Bias Current (Note 10)
I
IN(+) or IIN(−),VCM = 0V, TA = 25˚C
45
250
nA
Input Offset Current
I
IN(+) or IIN(−),VCM = 0V, TA = 25˚C
5
50
nA
Input Common-Mode
Voltage Range (Note 11)
V
+ V+ = 26V, T
A = 25˚C
0V
+−1.5
V
Supply Current
Over Full Temperature Range
R
L = ∞ On All Op Amps
mA
V
+ = 26V)
1.5
3
V
+ = 5V
0.7
1.2
Large Signal
V
+ = 15V, R
L
≥ 2kΩ,
25
100
V/mV
Voltage Gain
(V
O = 1V to 11V), TA = 25˚C
Common-Mode
DC, V
CM =0VtoV
+ − 1.5V,
50
70
dB
Rejection Ratio
T
A = 25˚C
Power Supply
V
+ = 5V to 26V
50
100
dB
RejectionRatio
T
A = 25˚C
Amplifier-to-Amplifier
f = 1 kHz to 20 kHz, T
A = 25˚C
−120
dB
Coupling (Note 12)
(Input Referred)
Output
Current
Source
V
IN
+ = 1V, V
IN
− = 0V,
20
40
V
+ = 15V, V
O = 2V, TA = 25˚C
mA
Sink
V
IN
− = 1V, V
IN
+ = 0V,
10
20
V
+ = 15V, V
O = 2V, TA = 25˚C
V
IN
− = 1V, V
IN
+ = 0V,
12
50
µA
V
+ = 15V, V
O = 200 mV, TA = 25˚C
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com