Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGY100T120SWD Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # FGY100T120SWD
Description  IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FGY100T120SWD Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  FGY100T120SWD Datasheet HTML 1Page - Inchange Semiconductor Company Limited FGY100T120SWD Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ISG2166
eq FGY100T120SWD
IGBT
www.iscsemi.com
2
STATIC CHARACTERISTICS(TJ = 25 °C unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
VCES
Collector-Emitter Breakdown Voltage VGE=0, IC= 5mA
1200
--
--
V
VGE(th)
Gate-Emitter Threshold Voltage
VGE= VCE, IC=100mA
5.6
--
7.4
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 100A, VCE= 15V
TJ = 25°C
--
--
2.0
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 100A, VCE= 15V
TJ = 175°C
--
2.26
--
V
ICES
Zero Gate Voltage Collector Current
VCE= 1200V, VGE=0V
--
--
40
uA
IGES
Gate-Emitter Leakage Current
VGE=±20V, VCE=0V
--
--
±
400
nA
VF
Forward Voltage
F = 100 A, TJ = 25°C
--
--
2.22
V
VF
Forward Voltage
F = 100 A, TJ = 175°C
--
1.87
--
V
PRODUCT DISCLAIMER
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of our
products.
ISC products are intended for usage in general electronic equipment. The products are not designed for
use in equipment which require specialized quality and/or reliability, or in equipment which could have
applications in hazardous environments, aerospace industry, or medical field. Please contact us if you
intend our products to be used in these special applications.
ISC makes no warranty or guarantee regarding the suitability of its products for any particular purpose,
nor does ISC assume any liability arising from the application or use of any products, and specifically
disclaims any and all liability, including without limitation special, consequential or incidental damages.
It is strictly prohibited to reprint or copy part or all of this datasheet without permission from ISC.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com