Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T256Y Datasheet(PDF) 9 Page - STMicroelectronics

Part # M41T256Y
Description  256Kbit (32K x 8) serial RTC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T256Y Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M41T256Y Datasheet HTML 5Page - STMicroelectronics M41T256Y Datasheet HTML 6Page - STMicroelectronics M41T256Y Datasheet HTML 7Page - STMicroelectronics M41T256Y Datasheet HTML 8Page - STMicroelectronics M41T256Y Datasheet HTML 9Page - STMicroelectronics M41T256Y Datasheet HTML 10Page - STMicroelectronics M41T256Y Datasheet HTML 11Page - STMicroelectronics M41T256Y Datasheet HTML 12Page - STMicroelectronics M41T256Y Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
M41T256Y
Operating modes
9/30
2
Operating modes
The M41T256Y clock operates as a slave device on the serial bus. Access is obtained by
implementing a start condition followed by the correct slave address (D0h). The 256K bytes
contained in the device can then be accessed sequentially in the following order:
0-7FEF = General purpose RAM
7FF0-7FF6 = Reserved
7FF7h = Tenths/hundredths register
7FF8h = Control register
7FF9h = Seconds register
7FFAh = Minutes register
7FFBh = Hour register
7FFCh = Tamper/day register
7FFDh = Date register
7FFEh = Month register
7FFFh = Year register
The M41T256Y clock continually monitors VCC for an out-of tolerance condition. Should
VCC fall below VPFD, the device terminates an access in progress and resets the device
address counter. Inputs to the device will not be recognized at this time to prevent
erroneous data from being written to the device from an out-of-tolerance system. When VCC
falls below VSO, the device automatically switches over to the battery and powers down into
an ultra low current mode of operation to conserve battery life. As system power returns and
VCC rises above VSO, the battery is disconnected, and the power supply is switched to
external VCC. Write protection continues until VCC reaches VPFD plus tREC.
For more information on Battery Storage Life refer to Application Note AN1012.
2.1
2-wire bus characteristics
The bus is intended for communication between different ICs. It consists of two lines: a
bidirectional data signal (SDA) and a clock signal (SCL). Both the SDA and SCL lines must
be connected to a positive supply voltage via a pull-up resistor.
The following protocol has been defined:
●
Data transfer may be initiated only when the bus is not busy.
●
During data transfer, the data line must remain stable whenever the clock line is high.
●
Changes in the data line, while the clock line is high, will be interpreted as control
signals.
Accordingly, the following bus conditions have been defined:
2.1.1
Bus not busy
Both data and clock lines remain High.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com