Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T256Y Datasheet(PDF) 15 Page - STMicroelectronics

Part # M41T256Y
Description  256Kbit (32K x 8) serial RTC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T256Y Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M41T256Y Datasheet HTML 11Page - STMicroelectronics M41T256Y Datasheet HTML 12Page - STMicroelectronics M41T256Y Datasheet HTML 13Page - STMicroelectronics M41T256Y Datasheet HTML 14Page - STMicroelectronics M41T256Y Datasheet HTML 15Page - STMicroelectronics M41T256Y Datasheet HTML 16Page - STMicroelectronics M41T256Y Datasheet HTML 17Page - STMicroelectronics M41T256Y Datasheet HTML 18Page - STMicroelectronics M41T256Y Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
M41T256Y
Operating modes
15/30
2.3
Write mode
In this mode the master transmitter transmits to the M41T256Y slave receiver. Bus protocol
is shown in Figure 10 on page 15. Following the START condition and slave address, a logic
'0' (R/W=0) is placed on the bus and indicates to the addressed device that byte addresses
A(0) and A(1) will follow and is to be written to the on-chip address pointer (MSB of address
byte A(0) is a “Don’t care”).
The data byte to be written to the memory is strobed in next and the internal address pointer
is incremented to the next memory location within the RAM on the reception of an
acknowledge bit. The M41T256Y slave receiver will send an acknowledge bit to the master
transmitter after it has received the slave address (see Figure 7 on page 13) and again after
it has received each address byte.
Figure 10.
Write mode sequence
2.4
Data retention mode
With valid VCC applied, the M41T256Y can be accessed as described above with READ or
WRITE cycles. Should the supply voltage decay, the M41T256Y will automatically deselect,
write protecting itself when VCC falls between VPFD (max) and VPFD (min). This is
accomplished by internally inhibiting access to the clock registers. At this time, the reset pin
(RST) is driven active and will remain active until VCC returns to nominal levels. When VCC
falls below the battery back-up switchover voltage (VSO), power input is switched from the
VCC pin to the external battery and the clock registers and SRAM are maintained from the
attached battery supply.
All outputs become high impedance. On power up, when VCC returns to a nominal value,
write protection continues for tREC. The RST signal also remains active during this time (see
Figure 14 on page 25).
For a further more detailed review of lifetime calculations, please see Application Note
AN1012.
AI04761
BUS ACTIVITY:
S
P
SDA LINE
BUS ACTIVITY:
MASTER
DATA n
DATA n+X
BYTE
ADDRESS (0)
SLAVE
ADDRESS
BYTE
ADDRESS (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com