Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB96F348CSAPQC-GE2 Datasheet(PDF) 22 Page - fujitsu semiconductor

Part # MB96F348CSAPQC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPQC-GE2 Datasheet(HTML) 22 Page - fujitsu semiconductor

Back Button MB96F348CSAPQC-GE2 Datasheet HTML 18Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 19Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 20Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 21Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 22Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 23Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 24Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 25Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 26Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 159 page
background image
MB96300 Series
Preliminary Specification
22
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
45
92
94
37
P01_5
H
General purpose IO
AD13
External bus interface (non-
multiplexed mode) data line
External bus interface
(multiplexed mode) address/
data line
INT7_R
Relocated external interrupt
request pin for INT7
SIN2_R
Relocated USART 2 serial
data input
PPG17_R
Relocated Pulse
Programable output
46
93
95
38
P01_6
H
General purpose IO
AD14
External bus interface (non-
multiplexed mode) data line
External bus interface
(multiplexed mode) address/
data line
SOT2_R
Relocated USART2 serial
data output
PPG18_R
Relocated Pulse
Programable output
47
94
96
39
P01_7
H
General purpose IO
AD15
External bus interface (non-
multiplexed mode) data line
External bus interface
(multiplexed mode) address/
data line
SCK2_R
Relocated USART2 clock I/O
PPG19_R
Relocated Pulse
Programable output
PIN DESCRIPTION FOR MB96(F)32x, MB96(F)34x, MB96(F)35x, MB96(F)36x
Pin no.
Pin name
Circuit
type
Function
MB9632
x
MB9634x
MB9635
x
MB9636
x
LQFP80*5
LQFP100*2
QFP100*1
LQFP64*3
LQFP48*4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com