Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB96F348CSAPQC-GE2 Datasheet(PDF) 23 Page - fujitsu semiconductor

Part # MB96F348CSAPQC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPQC-GE2 Datasheet(HTML) 23 Page - fujitsu semiconductor

Back Button MB96F348CSAPQC-GE2 Datasheet HTML 19Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 20Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 21Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 22Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 23Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 24Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 25Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 26Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 27Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 159 page
background image
Preliminary Specification
MB96300
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
23
50
95
97
40
36
P02_0
H
General purpose IO
PPG12
Programmable Pulse
Generator outputs
A16
External bus interface
address output
36
CKOT1_R
Relocated Clock Output
Function 1 clock output
51
96
98
41
35
P02_1
H
General purpose IO
PPG13
Programmable Pulse
Generator output
A17
External bus interface
address output
52
97
99
42
34
P02_2
H
General purpose IO
PPG14
Programmable Pulse
Generator output
A18
External bus interface
address output
34
CKOT0_R
Relocated Clock Output
Function 0 clock output
53
98
100
43
33
P02_3
H
General purpose IO
PPG15
Programmable Pulse
Generator output
A19
External bus interface
address output
54
99
1
44
32
P02_4
H
General purpose IO
IN0
Input Capture Unit 0 data
sample input
TTG0/
TTG8
Programmable Pulse
Generator PPG0 and PPG8
trigger input
A20
External bus interface
address output
PIN DESCRIPTION FOR MB96(F)32x, MB96(F)34x, MB96(F)35x, MB96(F)36x
Pin no.
Pin name
Circuit
type
Function
MB9632
x
MB9634x
MB9635
x
MB9636
x
LQFP80*5
LQFP100*2
QFP100*1
LQFP64*3
LQFP48*4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com