Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD100FFX65C5SF Datasheet(PDF) 5 Page - StarPower Europe AG

Part # GD100FFX65C5SF
Description  650V/100A 6 in one-package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD100FFX65C5SF Datasheet(HTML) 5 Page - StarPower Europe AG

  GD100FFX65C5SF Datasheet HTML 1Page - StarPower Europe AG GD100FFX65C5SF Datasheet HTML 2Page - StarPower Europe AG GD100FFX65C5SF Datasheet HTML 3Page - StarPower Europe AG GD100FFX65C5SF Datasheet HTML 4Page - StarPower Europe AG GD100FFX65C5SF Datasheet HTML 5Page - StarPower Europe AG GD100FFX65C5SF Datasheet HTML 6Page - StarPower Europe AG GD100FFX65C5SF Datasheet HTML 7Page - StarPower Europe AG GD100FFX65C5SF Datasheet HTML 8Page - StarPower Europe AG GD100FFX65C5SF Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
GD100FFX65C5SF
IGBT Module
©2020 STARPOWER Semiconductor Ltd.
7/15/2020
5/10
preliminary
Module Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Min.
Typ.
Max.
Unit
LCE
Stray Inductance
19
nH
RCC’+EE’
Module Lead Resistance, Terminal to Chip
1.80
mΩ
RthJC
Junction-to-Case (per IGBT)
Junction-to-Case (per Diode)
0.452
0.768
K/W
RthCH
Case-to-Heatsink (per IGBT)
Case-to-Heatsink (per Diode)
Case-to-Heatsink (per Module)
0.191
0.324
0.020
K/W
M
Mounting Torque, Screw M5
3.0
6.0
N.m
G
Weight of Module
200
g



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com