Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD100FFX65C5SF Datasheet(PDF) 1 Page - StarPower Europe AG

Part # GD100FFX65C5SF
Description  650V/100A 6 in one-package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD100FFX65C5SF Datasheet(HTML) 1 Page - StarPower Europe AG

  GD100FFX65C5SF Datasheet HTML 1Page - StarPower Europe AG GD100FFX65C5SF Datasheet HTML 2Page - StarPower Europe AG GD100FFX65C5SF Datasheet HTML 3Page - StarPower Europe AG GD100FFX65C5SF Datasheet HTML 4Page - StarPower Europe AG GD100FFX65C5SF Datasheet HTML 5Page - StarPower Europe AG GD100FFX65C5SF Datasheet HTML 6Page - StarPower Europe AG GD100FFX65C5SF Datasheet HTML 7Page - StarPower Europe AG GD100FFX65C5SF Datasheet HTML 8Page - StarPower Europe AG GD100FFX65C5SF Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
GD100FFX65C5SF
IGBT Module
©2020 STARPOWER Semiconductor Ltd.
7/15/2020
1/10
preliminary
STARPOWER
SEMICONDUCTOR
IGBT
GD100FFX65C5SF
650V/100A 6 in one-package
General Description
STARPOWER IGBT Power Module provides ultra
low conduction loss as well as short circuit ruggedness.
They are designed for the applications such as
general inverters and UPS.
Features
Low VCE(sat) Trench IGBT technology
6μs short circuit capability
VCE(sat) with positive temperature coefficient
Maximum junction temperature 175oC
Low inductance case
Fast & soft reverse recovery anti-parallel FWD
Isolated copper baseplate using DBC technology
PressFIT contact technology
Typical Applications
Inverter for motor drive
AC and DC servo drive amplifier
Uninterruptible power supply
Equivalent Circuit Schematic


Similar Part No. - GD100FFX65C5SF

ManufacturerPart #DatasheetDescription
logo
StarPower Europe AG
GD100FFX65C5S STARPOWER-GD100FFX65C5S Datasheet
245Kb / 10P
650V/100A 6 in one-package
12/28/2018
More results

Similar Description - GD100FFX65C5SF

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI100SC-120 FUJI-2MBI100SC-120 Datasheet
438Kb / 4P
1200V / 100A 2 in one-package
6MBI100S-140 FUJI-6MBI100S-140_01 Datasheet
383Kb / 4P
IGBT MODULE ( S series) 1400V / 100A 6 in one-package
logo
List of Unclassifed Man...
6MBI100UB-120 ETC2-6MBI100UB-120 Datasheet
123Kb / 5P
IGBT Module U-Series 1200V / 100A 6 in one-package
logo
Fuji Electric
6MBP100TEA060 FUJI-6MBP100TEA060 Datasheet
302Kb / 8P
Econo IPM series 600V / 100A 6 in one-package
6MBI100UC-120 FUJI-6MBI100UC-120 Datasheet
128Kb / 5P
1200V / 100A 6 in one-package
logo
List of Unclassifed Man...
7MBP100RA060 ETC2-7MBP100RA060 Datasheet
743Kb / 8P
600V / 100A 7 in one-package
logo
Fuji Electric
6MBI100VB-120-50 FUJI-6MBI100VB-120-50 Datasheet
427Kb / 6P
IGBT MODULE (V series) 1200V / 100A / 6 in one package
6MBI100VX-120-50 FUJI-6MBI100VX-120-50 Datasheet
464Kb / 6P
IGBT MODULE (V series) 1200V / 100A / 6 in one package
logo
Nell Semiconductor Co.,...
NSGM100GB12A NELLSEMI-NSGM100GB12A Datasheet
368Kb / 6P
IGBT Module (2 in one-package), 100A
NSGM100GB65A NELLSEMI-NSGM100GB65A Datasheet
834Kb / 6P
2 in 1 IGBT Module 100A/650V IAP Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com