Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD75PIY120C6SN Datasheet(PDF) 1 Page - StarPower Europe AG

Part # GD75PIY120C6SN
Description  1200V/75A PIM in one-package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD75PIY120C6SN Datasheet(HTML) 1 Page - StarPower Europe AG

  GD75PIY120C6SN Datasheet HTML 1Page - StarPower Europe AG GD75PIY120C6SN Datasheet HTML 2Page - StarPower Europe AG GD75PIY120C6SN Datasheet HTML 3Page - StarPower Europe AG GD75PIY120C6SN Datasheet HTML 4Page - StarPower Europe AG GD75PIY120C6SN Datasheet HTML 5Page - StarPower Europe AG GD75PIY120C6SN Datasheet HTML 6Page - StarPower Europe AG GD75PIY120C6SN Datasheet HTML 7Page - StarPower Europe AG GD75PIY120C6SN Datasheet HTML 8Page - StarPower Europe AG GD75PIY120C6SN Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
GD75PIY120C6SN
IGBT Module
©2015 STARPOWER Semiconductor Ltd.
11/30/2015
1/13
Preliminary
STARPOWER
SEMICONDUCTOR
IGBT
GD75PIY120C6SN
1200V/75A PIM in one-package
General Description
STARPOWER IGBT Power Module provides ultra
low conduction loss as well as short circuit ruggedness.
They are designed for the applications such as
general inverters and UPS.
Features
Low VCE(sat) Trench IGBT technology
10μs short circuit capability
VCE(sat) with positive temperature coefficient
Maximum junction temperature 175
oC
Low inductance case
Fast & soft reverse recovery anti-parallel FWD
Isolated copper baseplate using DBC technology
Typical Applications
Inverter for motor drive
AC and DC servo drive amplifier
Uninterruptible power supply
Equivalent Circuit Schematic


Similar Part No. - GD75PIY120C6SN

ManufacturerPart #DatasheetDescription
logo
StarPower Europe AG
GD75PIY120C6SNF STARPOWER-GD75PIY120C6SNF Datasheet
733Kb / 13P
1200V/75A PIM in one-package
5/30/2021
More results

Similar Description - GD75PIY120C6SN

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP75TEA120 FUJI-6MBP75TEA120 Datasheet
313Kb / 8P
Econo IPM series 1200V / 75A 6 in one-package
logo
List of Unclassifed Man...
7MBP75RJ120 ETC2-7MBP75RJ120 Datasheet
347Kb / 9P
IGBT IPM R-series 1200V class 1200V / 75A 7 in one-package
6MBP75RJ120 ETC2-6MBP75RJ120 Datasheet
301Kb / 8P
IGBT IPM R-series 1200V class 1200V / 75A 6 in one-package
logo
Fuji Electric
2MBI75VA-120-50 FUJI-2MBI75VA-120-50 Datasheet
464Kb / 6P
IGBT MODULE (V series) 1200V / 75A / 2 in one package
logo
MacMic
MMG75W120XB6TC MACMIC-MMG75W120XB6TC Datasheet
489Kb / 9P
1200V 75A PIM Module
MMG75W120XB6TN MACMIC-MMG75W120XB6TN Datasheet
684Kb / 9P
1200V 75A PIM Module
MMG75WD120XB6T4N MACMIC-MMG75WD120XB6T4N Datasheet
1Mb / 9P
1200V 75A PIM Module
MMG75WD120XB6TC MACMIC-MMG75WD120XB6TC Datasheet
496Kb / 9P
1200V 75A PIM Module
MMGT75W120XB6C MACMIC-MMGT75W120XB6C Datasheet
676Kb / 9P
1200V 75A PIM Module
MMGT75WD120XB6C MACMIC-MMGT75WD120XB6C Datasheet
2Mb / 9P
1200V 75A PIM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com