Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD100FSA120L3SF Datasheet(PDF) 2 Page - StarPower Europe AG

Part # GD100FSA120L3SF
Description  1200V/100A 6 in one-package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD100FSA120L3SF Datasheet(HTML) 2 Page - StarPower Europe AG

  GD100FSA120L3SF Datasheet HTML 1Page - StarPower Europe AG GD100FSA120L3SF Datasheet HTML 2Page - StarPower Europe AG GD100FSA120L3SF Datasheet HTML 3Page - StarPower Europe AG GD100FSA120L3SF Datasheet HTML 4Page - StarPower Europe AG GD100FSA120L3SF Datasheet HTML 5Page - StarPower Europe AG GD100FSA120L3SF Datasheet HTML 6Page - StarPower Europe AG GD100FSA120L3SF Datasheet HTML 7Page - StarPower Europe AG GD100FSA120L3SF Datasheet HTML 8Page - StarPower Europe AG GD100FSA120L3SF Datasheet HTML 9Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
GD100FSA120L3SF
IGBT Module
©2024 STARPOWER Semiconductor Ltd.
10/10/2024
2/9
B01
Absolute Maximum Ratings T
H=25
oC unless otherwise noted
IGBT
Symbol
Description
Value
Unit
VCES
Collector-Emitter Voltage
1200
V
VGES
Gate-Emitter Voltage
±20
V
ICN
Implemented Collector Current
100
A
IC
Collector Current @ TH=70
oC
70
A
ICRM
Repetitive Peak Collector Current tp limited by Tvjop
200
A
Diode
Symbol
Description
Value
Unit
VRRM
Repetitive Peak Reverse Voltage
1200
V
IF
Diode Continuous Forward Current
100
A
IFRM
Repetitive Peak Forward Current tp limited by Tvjop
200
A
Module
Symbol
Description
Value
Unit
Tvjmax
Maximum Junction Temperature
175
oC
Tvjop
Operating Junction Temperature
-40 to +175
oC
TSTG
Storage Temperature Range
-40 to +125
oC
VISO
Isolation Voltage RMS,f=50Hz,t=1min
2500
V
Note: Tvjop > 150
oC is allowed for operation at overload conditions.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com