Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD100FSA120L3SF Datasheet(PDF) 1 Page - StarPower Europe AG

Part # GD100FSA120L3SF
Description  1200V/100A 6 in one-package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD100FSA120L3SF Datasheet(HTML) 1 Page - StarPower Europe AG

  GD100FSA120L3SF Datasheet HTML 1Page - StarPower Europe AG GD100FSA120L3SF Datasheet HTML 2Page - StarPower Europe AG GD100FSA120L3SF Datasheet HTML 3Page - StarPower Europe AG GD100FSA120L3SF Datasheet HTML 4Page - StarPower Europe AG GD100FSA120L3SF Datasheet HTML 5Page - StarPower Europe AG GD100FSA120L3SF Datasheet HTML 6Page - StarPower Europe AG GD100FSA120L3SF Datasheet HTML 7Page - StarPower Europe AG GD100FSA120L3SF Datasheet HTML 8Page - StarPower Europe AG GD100FSA120L3SF Datasheet HTML 9Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
GD100FSA120L3SF
IGBT Module
©2024 STARPOWER Semiconductor Ltd.
10/10/2024
1/9
B01
STARPOWER
SEMICONDUCTOR
IGBT
GD100FSA120L3SF
1200V/100A 6 in one-package
General Description
STARPOWER IGBT Power Module provides ultra
low conduction loss as well as short circuit ruggedness.
They are designed for the applications such as
general inverters and UPS.
Features
Low VCE(sat) Trench IGBT technology
VCE(sat) with positive temperature coefficient
Maximum junction temperature 175oC
Low inductance case
Fast & soft reverse recovery anti-parallel FWD
Isolated heatsink using DBC technology
PressFIT contact technology
Typical Applications
Inverter for motor drive
AC and DC servo drive amplifier
Uninterruptible power supply
Equivalent Circuit Schematic


Similar Part No. - GD100FSA120L3SF

ManufacturerPart #DatasheetDescription
logo
StarPower Europe AG
GD100FFA120C5S STARPOWER-GD100FFA120C5S Datasheet
428Kb / 9P
1200V/100A 6 in one-package
8/29/2024
GD100FFX65C5S STARPOWER-GD100FFX65C5S Datasheet
245Kb / 10P
650V/100A 6 in one-package
12/28/2018
GD100FFX65C5SF STARPOWER-GD100FFX65C5SF Datasheet
511Kb / 10P
650V/100A 6 in one-package
7/15/2020
GD100FFY120C5S STARPOWER-GD100FFY120C5S Datasheet
233Kb / 9P
1200V/100A 6 in one-package
4/30/2016
GD100FFY120C5SF STARPOWER-GD100FFY120C5SF Datasheet
228Kb / 9P
1200V/100A 6 in one-package
3/20/2017
More results

Similar Description - GD100FSA120L3SF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6MBI50UA-120 ETC-6MBI50UA-120 Datasheet
119Kb / 5P
1200V / 50A 6 in one-package
logo
Fuji Electric
2MBI100SC-120 FUJI-2MBI100SC-120 Datasheet
438Kb / 4P
1200V / 100A 2 in one-package
6MBP25TEA120 FUJI-6MBP25TEA120 Datasheet
304Kb / 8P
1200V / 25A 6 in one-package
logo
List of Unclassifed Man...
6MBI100UB-120 ETC2-6MBI100UB-120 Datasheet
123Kb / 5P
IGBT Module U-Series 1200V / 100A 6 in one-package
logo
Fuji Electric
6MBI100UC-120 FUJI-6MBI100UC-120 Datasheet
128Kb / 5P
1200V / 100A 6 in one-package
6MBP25RJ120 FUJI-6MBP25RJ120 Datasheet
315Kb / 8P
1200V / 25A 6 in one-package
6MBP50RJ120 FUJI-6MBP50RJ120 Datasheet
303Kb / 8P
1200V / 50A 6 in one-package
6MBI100VB-120-50 FUJI-6MBI100VB-120-50 Datasheet
427Kb / 6P
IGBT MODULE (V series) 1200V / 100A / 6 in one package
6MBI100VX-120-50 FUJI-6MBI100VX-120-50 Datasheet
464Kb / 6P
IGBT MODULE (V series) 1200V / 100A / 6 in one package
2MBI100VA-120-50 FUJI-2MBI100VA-120-50 Datasheet
470Kb / 6P
IGBT MODULE (V series) 1200V / 100A / 2 in one package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com