Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H2C Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # H2C
Description  Motor Timer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H2C Datasheet(HTML) 2 Page - Omron Electronics LLC

  H2C Datasheet HTML 1Page - Omron Electronics LLC H2C Datasheet HTML 2Page - Omron Electronics LLC H2C Datasheet HTML 3Page - Omron Electronics LLC H2C Datasheet HTML 4Page - Omron Electronics LLC H2C Datasheet HTML 5Page - Omron Electronics LLC H2C Datasheet HTML 6Page - Omron Electronics LLC H2C Datasheet HTML 7Page - Omron Electronics LLC H2C Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
H2C
H2C
2
Specifications
Time Ranges
Five time ranges are available for each timer by turning the time range selector every 60 degrees.
Note:
Rated time is displayed on the window.
Time range code
Position of time range selector
A
1.25 to 30 s
7.5s to3min
1.25 to 30 min
7.5min to3hrs
1.25 to 30 hrs
B
0.2to6s
2to60s
0.2to6min
2to60min
0.2to6hrs
C
0.5to12s
5to120 s
0.5to12min
5to120 min
0.5to12hrs
Ratings
Item
H2C
Rated supply voltage
100, 110, 115, 120, 200, 220, or 240 VAC (50/60 Hz) (see note 1)
Operating voltage range
85% to 110% of rated supply voltage (see note 2)
Power consumption
Approx. 3.5 VA
Control outputs
6 A at 250 VAC, resistive load (cos
! = 1) (see note 3)
Note:
1. The front panel of the timer is color coded to identify the following supply voltage classifications:
100 to 120 V: Blue
200 to 240 V: Red
Other classes: Black
2. If the voltage continues to be applied after the set time has elapsed, the operating voltage range will change to between 90% and
110% of the rated voltage.
3. The switching capacity of the control output is 6 A at 250 VAC (cos
" =1). Referto “Engineering Data” since the electrical service life
of the built-in switch will change in such a case.
Characteristics
Accuracy of operating time
#0.5% max. $#1% max. at 0.2 to 6 s for the time range code B or at 0.5 to 12 s for the time
range code C)
Setting error
#2% max.
Reset time
0.5 s max.
Influence of voltage
#1% max.
Influence of temperature
#2% max.
Insulation resistance
100 M
% min. (at 500 VDC)
Dielectric strength
2,500 VAC, 50/60 Hz for 1 min (between current-carrying and non-current-carrying parts)
2,000 VAC, 50/60 Hz for 1 min (between contact and control circuit and between contacts of
different polarities)
1,000 VAC, 50/60 Hz for 1 min (between non-continuous contacts)
Vibration resistance
Destruction: 10 to 55 Hz with 0.75-mm double amplitude
Malfunction: 10 to 55 Hz with 0.5-mm double amplitude
Shock resistance
Destruction: 1,000 m/s2 (approx. 100G)
Malfunction: 150 m/s2 (approx. 15G)
Ambient temperature
Operating: --10
&Cto50&C
Storage:
--25
&Cto65&C
Ambient humidity
Operating: 45% to 85%
Life expectancy
Mechanical: 10,000,000 operations min.
500,000 operations min. (3 A at 250 VAC, resistive load at 1,800 operations/h)
Electrical:
See “Engineering Data”
Motor life expectancy
20,000 hrs
Approved standards
UL (File No. E52800)
Weight
H2C series:
approx. 180 g
H2C-F series: approx. 270 g



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com