Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H2C Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # H2C
Description  Motor Timer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H2C Datasheet(HTML) 5 Page - Omron Electronics LLC

  H2C Datasheet HTML 1Page - Omron Electronics LLC H2C Datasheet HTML 2Page - Omron Electronics LLC H2C Datasheet HTML 3Page - Omron Electronics LLC H2C Datasheet HTML 4Page - Omron Electronics LLC H2C Datasheet HTML 5Page - Omron Electronics LLC H2C Datasheet HTML 6Page - Omron Electronics LLC H2C Datasheet HTML 7Page - Omron Electronics LLC H2C Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
H2C
H2C
5
PF113A
Mounting Holes
Terminal Arrangement
(Top View)
Mounting Height of
Timer with Socket
For a load current of 3 A max.,
dimension L becomes 14 mm
min. with an interval of 0 mm
between timers. For a load
current of 6 A max., dimension
L becomes 19 mm min. with
an interval of 5 mm between
timers.
Two, M4 or 4.5 dia. holes
Eleven, M3.5
' 7sems
P3GA-11
Terminal Arrangement
(Bottom View)
Terminal Arrangement
(Bottom View)
Mounting Height of
Timer with Socket
P3G-08
Mounting Holes
Terminal Arrangement
(Bottom View)
Mounting Height of
Timer with Socket
PL11 (Solder Terminals)
Approx. 20.5
Two, 3.5 dia. or M3
socket mounting holes
Two, 2 dia. holes
35 max.
Back Connecting Socket
PL08 (Solder Terminals)
Two, 2 dia.
holes
Mounting Holes
Terminal Arrangement
(Bottom View)
Mounting Height of
Timer with Socket
Two, 3.5 dia. or 3M
socket mounting holes
Bottom View
27 dia.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com