Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC374 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVC374
Description  Octal D-type flip-flop; positive-edge trigger; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC374 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVC374 Datasheet HTML 1Page - NXP Semiconductors 74ALVC374 Datasheet HTML 2Page - NXP Semiconductors 74ALVC374 Datasheet HTML 3Page - NXP Semiconductors 74ALVC374 Datasheet HTML 4Page - NXP Semiconductors 74ALVC374 Datasheet HTML 5Page - NXP Semiconductors 74ALVC374 Datasheet HTML 6Page - NXP Semiconductors 74ALVC374 Datasheet HTML 7Page - NXP Semiconductors 74ALVC374 Datasheet HTML 8Page - NXP Semiconductors 74ALVC374 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
74ALVC374_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 17 October 2007
2 of 17
NXP Semiconductors
74ALVC374
Octal D-type flip-flop; positive-edge trigger; 3-state
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74ALVC374D
−40 °Cto+85 °C
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
74ALVC374PW
−40 °Cto+85 °C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
74ALVC374BQ
−40 °Cto+85 °C
DHVQFN20 plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 20 terminals;
body 2.5
× 4.5 × 0.85 mm
SOT764-1
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
mna891
D0
D1
D2
D3
D4
D5
D6
D7
OE
CP
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
11
1
19
16
15
12
9
6
5
2
18
17
14
13
8
7
4
3
mna196
19
16
15
12
9
6
5
11
C1
1
EN
1D
2
18
17
14
13
8
7
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com