Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC374 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74ALVC374
Description  Octal D-type flip-flop; positive-edge trigger; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC374 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVC374 Datasheet HTML 4Page - NXP Semiconductors 74ALVC374 Datasheet HTML 5Page - NXP Semiconductors 74ALVC374 Datasheet HTML 6Page - NXP Semiconductors 74ALVC374 Datasheet HTML 7Page - NXP Semiconductors 74ALVC374 Datasheet HTML 8Page - NXP Semiconductors 74ALVC374 Datasheet HTML 9Page - NXP Semiconductors 74ALVC374 Datasheet HTML 10Page - NXP Semiconductors 74ALVC374 Datasheet HTML 11Page - NXP Semiconductors 74ALVC374 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
74ALVC374_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 17 October 2007
8 of 17
NXP Semiconductors
74ALVC374
Octal D-type flip-flop; positive-edge trigger; 3-state
[1]
Typical values are measured at Tamb =25 °C
[2]
tpd is the same as tPHL and tPLH.
ten is the same as tPZH and tPZL.
tdis is the same as tPHZ and tPLZ.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
N = number of inputs switching
Σ(C
L × VCC
2
× f
o) = sum of the outputs
tsu
set-up time
Dn to CP; see Figure 9
VCC = 1.65 V to 1.95 V
0.8
−0.1
-
ns
VCC = 2.3 V to 2.7 V
0.8
0.1
-
ns
VCC = 2.7 V
0.8
0.3
-
ns
VCC = 3.0 V to 3.6 V
0.8
0.0
-
ns
th
hold time
Dn to CP; see Figure 9
VCC = 1.65 V to 1.95 V
0.8
−0.1
-
ns
VCC = 2.3 V to 2.7 V
0.8
0.1
-
ns
VCC = 2.7 V
0.8
0.4
-
ns
VCC = 3.0 V to 3.6 V
0.7
−0.1
-
ns
fmax
maximum frequency
see Figure 7
VCC = 2.3 V to 2.7 V
100
200
-
MHz
VCC = 2.7 V
100
200
-
MHz
VCC = 3.0 V to 3.6 V
150
300
-
MHz
CPD
power dissipation
capacitance
per flip-flop; VI = GND to VCC;VCC = 3.3 V
[3]
outputs HIGH or LOW state
-
21
-
pF
outputs 3-state
-
13
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 10.
Symbol
Parameter
Conditions
−40 °C to +85 °C
Unit
Min
Typ[1]
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com