Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1722S Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1722S
Description  Digital Thermometer with SPI/3-Wire Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1722S Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1722S Datasheet HTML 1Page - Maxim Integrated Products DS1722S Datasheet HTML 2Page - Maxim Integrated Products DS1722S Datasheet HTML 3Page - Maxim Integrated Products DS1722S Datasheet HTML 4Page - Maxim Integrated Products DS1722S Datasheet HTML 5Page - Maxim Integrated Products DS1722S Datasheet HTML 6Page - Maxim Integrated Products DS1722S Datasheet HTML 7Page - Maxim Integrated Products DS1722S Datasheet HTML 8Page - Maxim Integrated Products DS1722S Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1 of 14
103007
FEATURES
Temperature Measurements Require No
External Components
Measures Temperatures from -55
°C to
+120
°C. Fahrenheit Equivalent is -67°F to
+248
°F
Thermometer Accuracy is
±2.0°C
Thermometer Resolution is Configurable
from 8 to 12 bits (1.0
°C to 0.0625°C
Resolution)
Data is Read From/Written to Via a Motorola
Serial Peripheral Interface (SPI) or Standard
3-Wire Serial Interface
Wide Analog Power Supply Range (2.65V -
5.5V)
Separate Digital Supply Allows for 1.8V
Logic
Available in an 8-Pin SO (150mil), 8-Pin
μMAX, and Flip-Chip Package
PIN ASSIGNMENT
PIN DESCRIPTION
SERMODE
- Serial Interface Mode
CE
- Chip Enable
SCLK
- Serial Clock
GND
- Ground
VDDA
- Analog Supply Voltage
SDO
- Serial Data Out
SDI
- Serial Data In
VDDD
- Digital Supply Voltage
DESCRIPTION
The DS1722 Digital Thermometer and Thermostat with SPI/3-Wire Interface provides temperature
readings which indicate the temperature of the device. No additional components are required; the device
is truly a temperature-to-digital converter. Temperature readings are communicated from the DS1722
over a Motorola SPI interface or a standard 3-wire serial interface. The choice of interface standard is
selectable by the user.
For applications that require greater temperature resolution, the user can adjust the readout resolution
from 8 to 12 bits. This is particularly useful in applications where thermal runaway conditions must be
detected quickly.
For application flexibility, the DS1722 features a wide analog supply rail of 2.65V - 5.5V. A separate
digital supply allows a range of 1.8V to 5.5V.
The DS1722 is available in an 8-pin SO (150mil), 8-pin μMAX, and flip-chip package.
Applications for the DS1722 include personal computers/servers/workstations, cellular telephones, office
equipment, or any thermally-sensitive system.
DS1722
Digital Thermometer with
SPI/3-Wire Interface
www.maxim-ic.com
VDDD
CE
SCLK
GND
VDDA
2
3
4
8
7
6
5
1
DS1722S
8-Pin SO (150mil)
SERMODE
SDI
SDO
1
8
2
7
3
6
4
5
*
DS1722U
8-PIN µMAX
VDDA
SERMODE
SDI
SDO
VDDD
CE
SCLK
GND


Similar Part No. - DS1722S

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1722 DALLAS-DS1722 Datasheet
984Kb / 13P
Digital Thermometer with SPI/3-Wire Interface
More results

Similar Description - DS1722S

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS1722 DALLAS-DS1722 Datasheet
984Kb / 13P
Digital Thermometer with SPI/3-Wire Interface
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
1-Wire Digital Thermometer
logo
VTI technologies
SCA3000-D01 VTI-SCA3000-D01 Datasheet
209Kb / 4P
3-AXIS LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3100-D01 VTI-SCA3100-D01 Datasheet
106Kb / 3P
3-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626_07 Datasheet
135Kb / 14P
High-Precision 3-Wire Digital Thermometer and Thermostat
logo
VTI technologies
SCA3100-D07 VTI-SCA3100-D07 Datasheet
129Kb / 4P
3-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
1-Wire Digital Thermometer
REV: 042208
MAX31722 MAXIM-MAX31722 Datasheet
943Kb / 15P
Digital Thermometers and Thermostats with SPI/3-Wire Interface
Rev 0; 11/10
MAX31722 MAXIM-MAX31722_V01 Datasheet
536Kb / 15P
Digital Thermometers and Thermostats with SPI/3-Wire Interface
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com