Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1722S Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1722S
Description  Digital Thermometer with SPI/3-Wire Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1722S Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1722S Datasheet HTML 1Page - Maxim Integrated Products DS1722S Datasheet HTML 2Page - Maxim Integrated Products DS1722S Datasheet HTML 3Page - Maxim Integrated Products DS1722S Datasheet HTML 4Page - Maxim Integrated Products DS1722S Datasheet HTML 5Page - Maxim Integrated Products DS1722S Datasheet HTML 6Page - Maxim Integrated Products DS1722S Datasheet HTML 7Page - Maxim Integrated Products DS1722S Datasheet HTML 8Page - Maxim Integrated Products DS1722S Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DS1722
3 of 14
OVERVIEW
A block diagram of the DS1722 is shown in Figure 1. The DS1722 consists of four major components:
1. Precision temperature sensor
2. Analog-to-digital converter
3. SPI/3-wire interface electronics
4. Data registers
The factory-calibrated temperature sensor requires no external components. The DS1722 is in a power-
conserving shutdown state upon power-up. After power-up, the user may alter the configuration register
to place the device in a continuous temperature conversion mode or in a one-shot conversion mode. In
the continuous conversion mode, the DS1722 continuously converts the temperature and stores the result
in the temperature register. As conversions are performed in the background, reading the temperature
register does not affect the conversion in progress. In the one-shot temperature conversion mode, the
DS1722 will perform one temperature conversion, store the result in the temperature register, and then
return to the shutdown state. This conversion mode is ideal for power sensitive applications. More
information on the configuration register is contained in the “OPERATION-Programming” section.
The temperature conversion results will have a default resolution of 9 bits. In applications where small
incremental temperature changes are critical, the user can change the conversion resolution from 9 bits to
8, 10, 11, or 12. This is accomplished by programming the configuration register. Each additional bit of
resolution approximately doubles the conversion time.
The DS1722 can communicate using either a Motorola Serial Peripheral Interface (SPI) or standard 3-
wire interface. The user can select either communication standard through the SERMODE pin, tying it to
VDDD for SPI and to ground for 3-wire.
The device contains both an analog supply voltage and a digital supply voltage (VDDA and VDDD,
respectively). The analog supply powers the device for operation while the digital supply provides the
top rails for the digital inputs and outputs. The DS1722 was designed to be 1.8V Logic-Ready.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com