Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1822Z/T Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # DS1822Z/T
Description  Econo 1-Wire Digital Thermometer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1822Z/T Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button DS1822Z/T Datasheet HTML 8Page - Maxim Integrated Products DS1822Z/T Datasheet HTML 9Page - Maxim Integrated Products DS1822Z/T Datasheet HTML 10Page - Maxim Integrated Products DS1822Z/T Datasheet HTML 11Page - Maxim Integrated Products DS1822Z/T Datasheet HTML 12Page - Maxim Integrated Products DS1822Z/T Datasheet HTML 13Page - Maxim Integrated Products DS1822Z/T Datasheet HTML 14Page - Maxim Integrated Products DS1822Z/T Datasheet HTML 15Page - Maxim Integrated Products DS1822Z/T Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
DS1822
12 of 21
issued the master must enable a strong pullup on the 1-Wire bus for at least 10ms as described in the
POWERING THE DS1822 section.
RECALL E
2 [B8h]
This command recalls the alarm trigger values (TH and TL) and configuration data from EEPROM and
places the data in bytes 2, 3, and 4, respectively, in the scratchpad memory. The master device can issue
read time slots following the Recall E
2 command and the DS1822 will indicate the status of the recall by
transmitting 0 while the recall is in progress and 1 when the recall is done. The recall operation happens
automatically at power-up, so valid data is available in the scratchpad as soon as power is applied to the
device.
READ POWER SUPPLY [B4h]
The master device issues this command followed by a read time slot to determine if any DS1822s on the
bus are using parasite power. During the read time slot, parasite powered DS1822s will pull the bus low,
and externally powered DS1822s will let the bus remain high. Refer to the POWERING THE DS1822
section for usage information for this command.
DS1822 FUNCTION COMMAND SET Table 4
Command
Description
Protocol
1-Wire Bus Activity
After Command is Issued
Notes
TEMPERATURE CONVERSION COMMANDS
Convert T
Initiates temperature
conversion.
44h
DS1822 transmits conversion
status to master (not applicable
for parasite-powered DS1822s).
1
MEMORY COMMANDS
Read Scratchpad
Reads the entire scratchpad
including the CRC byte.
BEh
DS1822 transmits up to 9 data
bytes to master.
2
Write Scratchpad
Writes data into scratchpad
bytes 2, 3, and 4 (TH, TL,
and configuration registers).
4Eh
Master transmits 3 data bytes to
DS1822.
3
Copy Scratchpad
Copies TH, TL, and
configuration register data
from the scratchpad to
EEPROM.
48h
None
1
Recall E
2
Recalls TH, TL, and
configuration register data
from EEPROM to the
scratchpad.
B8h
DS1822 transmits recall status to
master.
Read Power
Supply
Signals DS1822 power
supply mode to the master.
B4h
DS1822 transmits supply status
to master.
NOTES:
1. For parasite-powered DS1822s, the master must enable a strong pullup on the 1-Wire bus during
temperature conversions and copies from the scratchpad to EEPROM. No other bus activity may take
place during this time.
2.
The master can interrupt the transmission of data at any time by issuing a reset.
3.
All three bytes must be written before a reset is issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com