Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1822Z/T Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # DS1822Z/T
Description  Econo 1-Wire Digital Thermometer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1822Z/T Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button DS1822Z/T Datasheet HTML 13Page - Maxim Integrated Products DS1822Z/T Datasheet HTML 14Page - Maxim Integrated Products DS1822Z/T Datasheet HTML 15Page - Maxim Integrated Products DS1822Z/T Datasheet HTML 16Page - Maxim Integrated Products DS1822Z/T Datasheet HTML 17Page - Maxim Integrated Products DS1822Z/T Datasheet HTML 18Page - Maxim Integrated Products DS1822Z/T Datasheet HTML 19Page - Maxim Integrated Products DS1822Z/T Datasheet HTML 20Page - Maxim Integrated Products DS1822Z/T Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
DS1822
17 of 21
data from the DS1822 is valid for 15
μs after the falling edge that initiated the read time slot. Therefore,
the master must release the bus and then sample the bus state within 15
μs from the start of the slot.
Figure 15 illustrates that the sum of TINIT, TRC, and TSAMPLE must be less than 15μs for a read time slot.
Figure 16 shows that system timing margin is maximized by keeping TINIT and TRC as short as possible
and by locating the master sample time during read time slots towards the end of the 15
μs period.
DETAILED MASTER READ 1 TIMING Figure 15
RECOMMENDED MASTER READ 1 TIMING Figure 16
RELATED APPLICATION NOTES
The following Application Notes can be applied to the DS1822. These notes can be obtained from the
Dallas Semiconductor “Application Note Book,” via the Dallas website at http://www.dalsemi.com/, or
through our faxback service at (214) 450–0441.
Application Note 27: Understanding and Using Cyclic Redundancy Checks with Dallas Semiconductor
Touch Memory Product
Application Note 55: Extending the Contact Range of Touch Memories
Application Note 74: Reading and Writing Touch Memories via Serial Interfaces
Application Note 104: Minimalist Temperature Control Demo
Application Note 106: Complex MicroLANs
Application Note 108: MicroLAN—In the Long Run
Application
Note
162:
Interfacing
the
DS18X20/DS1822
1-Wire
Temperature
Sensor
in
a
Microcontroller Environment
Sample 1-Wire subroutines that can be used in conjunction with AN74 can be downloaded from the
Dallas website or anonymous FTP Site.
VPU
GND
1-WIRE BUS
15
μs
VIH of Master
TRC
TINT > 1μs
Master samples
LINE TYPE LEGEND
Bus master pulling low
Resistor pullup
VPU
GND
1-WIRE BUS
15
μs
VIH of Master
TRC =
small
TINT =
small
Master samples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com