Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G79GF Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC1G79GF
Description  Single D-type flip-flop; positive-edge trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G79GF Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC1G79GF Datasheet HTML 1Page - NXP Semiconductors 74LVC1G79GF Datasheet HTML 2Page - NXP Semiconductors 74LVC1G79GF Datasheet HTML 3Page - NXP Semiconductors 74LVC1G79GF Datasheet HTML 4Page - NXP Semiconductors 74LVC1G79GF Datasheet HTML 5Page - NXP Semiconductors 74LVC1G79GF Datasheet HTML 6Page - NXP Semiconductors 74LVC1G79GF Datasheet HTML 7Page - NXP Semiconductors 74LVC1G79GF Datasheet HTML 8Page - NXP Semiconductors 74LVC1G79GF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74LVC1G79_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 29 August 2007
2 of 16
NXP Semiconductors
74LVC1G79
Single D-type flip-flop; positive-edge trigger
3.
Ordering information
4.
Marking
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC1G79GW
−40 °C to +125 °C
TSSOP5
plastic thin shrink small outline package;
5 leads; body width 1.25 mm
SOT353-1
74LVC1G79GV
−40 °C to +125 °C
SC-74A
plastic surface-mounted package; 5 leads
SOT753
74LVC1G79GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74LVC1G79GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1
× 1 × 0.5 mm
SOT891
Table 2.
Marking codes
Type number
Marking
74LVC1G79GW
VP
74LVC1G79GV
V79
74LVC1G79GM
VP
74LVC1G79GF
VP
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
mna440
2
1
CP
D4
Q
mna441
2
DQ
CP
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com