Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G79GF Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC1G79GF
Description  Single D-type flip-flop; positive-edge trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G79GF Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC1G79GF Datasheet HTML 1Page - NXP Semiconductors 74LVC1G79GF Datasheet HTML 2Page - NXP Semiconductors 74LVC1G79GF Datasheet HTML 3Page - NXP Semiconductors 74LVC1G79GF Datasheet HTML 4Page - NXP Semiconductors 74LVC1G79GF Datasheet HTML 5Page - NXP Semiconductors 74LVC1G79GF Datasheet HTML 6Page - NXP Semiconductors 74LVC1G79GF Datasheet HTML 7Page - NXP Semiconductors 74LVC1G79GF Datasheet HTML 8Page - NXP Semiconductors 74LVC1G79GF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
74LVC1G79_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 29 August 2007
3 of 16
NXP Semiconductors
74LVC1G79
Single D-type flip-flop; positive-edge trigger
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 3.
Logic diagram
mna442
CP
D
C
C
C
C
C
C
C
C
C
TG
TG
TG
TG
Q
C
Fig 4.
Pin configuration SOT353-1
and SOT753
Fig 5.
Pin configuration SOT886
Fig 6.
Pin configuration SOT891
74LVC1G79
DVCC
CP
GND
Q
001aaf188
1
2
3
5
4
74LVC1G79
CP
001aaf189
D
GND
n.c.
VCC
Q
Transparent top view
2
3
1
5
4
6
74LVC1G79
CP
001aaf410
D
GND
n.c.
VCC
Q
Transparent top view
2
3
1
5
4
6
Table 3.
Pin description
Symbol
Pin
Description
SOT353-1/SOT753
SOT886/SOT891
D
1
1
data input
CP
2
2
data pulse input
GND
3
3
ground (0 V)
Q
4
4
data output
n.c.
-
5
not connected
VCC
5
6
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com