Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC3G04DP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC3G04DP
Description  Triple inverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3G04DP Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC3G04DP Datasheet HTML 1Page - NXP Semiconductors 74LVC3G04DP Datasheet HTML 2Page - NXP Semiconductors 74LVC3G04DP Datasheet HTML 3Page - NXP Semiconductors 74LVC3G04DP Datasheet HTML 4Page - NXP Semiconductors 74LVC3G04DP Datasheet HTML 5Page - NXP Semiconductors 74LVC3G04DP Datasheet HTML 6Page - NXP Semiconductors 74LVC3G04DP Datasheet HTML 7Page - NXP Semiconductors 74LVC3G04DP Datasheet HTML 8Page - NXP Semiconductors 74LVC3G04DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The 74LVC3G04 provides three inverting buffers.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of these
devices as translators in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing the damaging backflow current through the device
when it is powered down.
2.
Features
I Wide supply voltage range from 1.65 V to 5.5 V
I 5 V tolerant outputs for interfacing with 5 V logic
I High noise immunity
I Complies with JEDEC standard:
N JESD8-7 (1.65 V to 1.95 V)
N JESD8-5 (2.3 V to 2.7 V)
N JESD8B/JESD36 (2.7 V to 3.6 V)
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
I ±24 mA output drive (VCC = 3.0 V)
I CMOS low power consumption
I Latch-up performance exceeds 250 mA
I Direct interface with TTL levels
I Multiple package options
I Specified from −40 °C to +85 °C and −40 °C to +125 °C
74LVC3G04
Triple inverter
Rev. 05 — 5 October 2007
Product data sheet


Similar Part No. - 74LVC3G04DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G04DP PHILIPS-74LVC3G04DP Datasheet
74Kb / 13P
Triple inverter
Rev. 01-4 May 2004
74LVC3G04DP NXP-74LVC3G04DP Datasheet
101Kb / 16P
Triple inverter
Rev. 07-16 June 2008
logo
Nexperia B.V. All right...
74LVC3G04DP NEXPERIA-74LVC3G04DP Datasheet
252Kb / 15P
Triple inverter
Rev. 14 - 16 April 2021
74LVC3G04DP-Q100 NEXPERIA-74LVC3G04DP-Q100 Datasheet
205Kb / 11P
Triple inverter
More results

Similar Description - 74LVC3G04DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G04 PHILIPS-74LVC3G04 Datasheet
74Kb / 13P
Triple inverter
Rev. 01-4 May 2004
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04 Datasheet
84Kb / 8P
Triple Inverter
August, 2002 ??Rev. 2
logo
NXP Semiconductors
74LVC3GU04 PHILIPS-74LVC3GU04 Datasheet
89Kb / 16P
TRIPLE INVERTER
Rev. 03-01 February 2005
logo
STMicroelectronics
74V2T04 STMICROELECTRONICS-74V2T04 Datasheet
124Kb / 7P
TRIPLE INVERTER
Jun-2003
logo
Toshiba Semiconductor
TC7WG04FK TOSHIBA-TC7WG04FK_09 Datasheet
184Kb / 7P
Triple Inverter
logo
Texas Instruments
SN74AHC2GU04 TI1-SN74AHC2GU04 Datasheet
74Kb / 5P
TRIPLE INVERTER
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04_15 Datasheet
71Kb / 5P
Triple Inverter
March, 2015 ??Rev. 7
logo
Nexperia B.V. All right...
74LVC3G04-Q100 NEXPERIA-74LVC3G04-Q100 Datasheet
205Kb / 11P
Triple inverter
74HCT3G04-Q100 NEXPERIA-74HCT3G04-Q100 Datasheet
212Kb / 12P
Triple inverter
Rev. 3 - 26 November 2018
74HCT3G04 NEXPERIA-74HCT3G04 Datasheet
212Kb / 12P
Triple inverter
Rev. 5 - 26 November 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com