Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9511 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9511
Description  RGBHV Driver with EMI Suppression
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9511 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9511_07 Datasheet HTML 1Page - Maxim Integrated Products MAX9511_07 Datasheet HTML 2Page - Maxim Integrated Products MAX9511_07 Datasheet HTML 3Page - Maxim Integrated Products MAX9511_07 Datasheet HTML 4Page - Maxim Integrated Products MAX9511_07 Datasheet HTML 5Page - Maxim Integrated Products MAX9511_07 Datasheet HTML 6Page - Maxim Integrated Products MAX9511_07 Datasheet HTML 7Page - Maxim Integrated Products MAX9511_07 Datasheet HTML 8Page - Maxim Integrated Products MAX9511_07 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RGBHV Driver with EMI Suppression
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 5V, VDD1 = 5V, VDD2 = SHDN = 3V, RL = 150Ω to AGND, DGND = AGND, RRX = 7kΩ to AGND, TA = 0°C to +70°C. Typical
values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RRX = 36k
Ω, TA = +25°C
250
330
450
Slew Rate (Notes 2, 3)
SR
RRX = 7k
Ω, TA = +25°C
900
1100
1300
V/µs
Settling Time
tS
(Notes 4, 5)
0
ns
Undershoot/Overshoot
tOS, tUS
±1
%
Linearity Error
LE
VIN = 700mVP-P (Notes 6, 7)
0.036
%
Peak Signal-to-Noise Ratio
SNR
f = 100kHz to 100MHz, VIN = 700mVP-P
50
dB
Channel-to-Channel Skew
∆t
R to G to B (Note 3)
500
1100
ps
Power-Supply Rejection
Ratio
PSRR
f = 100kHz
49
dB
Crosstalk
All hostile, f = 10MHz
55
dB
Input Termination Switch
Delay
∆tSWD
70
ns
LOGIC
Input Low Level
VIL
H_SYNC_IN, V_SYNC_IN and
SHDN
0.3 x
VDD2
V
Input High Level
VIH
H_SYNC_IN, V_SYNC_IN and
SHDN
0.7 x
VDD2
V
H_SYNC_OUT, VH_SYNC_IN = DGND
IOL = 4mA
V_SYNC_OUT, VV_SYNC_IN = DGND
0.55
DDC_DATA_IN, VDDC_DATA_OUT =
DGND
IOL = 50µA
DDC_CLK_IN, VDDC_CLK_OUT = DGND
0.4
DDC_DATA_OUT, VDDC_DATA_IN =
DGND
Output Low Level
VOL
IOL = 3mA
DDC_CLK_OUT, VDDC_CLK_IN = DGND
0.5
V
H_SYNC_OUT, VH_SYNC_IN = VDD2
IOH = 4mA
V_SYNC_OUT, VV_SYNC_IN = VDD2
VDD1
- 1.5
DDC_DATA_IN, VDDC_DATA_OUT = VDD1
IOH =
50µA
DDC_CLK_IN, VDDC_CLK_OUT = VDD1
VDD2
- 0.4
DDC_DATA_OUT, VDDC_DATA_IN =
VDD2
Output High Level
VOH
IOH =
50µA
DDC_CLK_OUT, VDDC_CLK_IN = VDD2
VDD1
- 1.5
V
SYNC Output Resistance
RSO
35
55
85
SHDN Pulldown Resistance
RSD
225
330
500
k
SYNC Input Resistance
RSI
30
47
70
k
RPO
DDC_DATA_OUT, DDC_CLK_OUT
2
3
4
DDC Pullup Resistance
RPI
DDC_DATA_IN, DDC_CLK_IN
3.0
4.7
6.5
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com