Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9511 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9511
Description  RGBHV Driver with EMI Suppression
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9511 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9511_07 Datasheet HTML 2Page - Maxim Integrated Products MAX9511_07 Datasheet HTML 3Page - Maxim Integrated Products MAX9511_07 Datasheet HTML 4Page - Maxim Integrated Products MAX9511_07 Datasheet HTML 5Page - Maxim Integrated Products MAX9511_07 Datasheet HTML 6Page - Maxim Integrated Products MAX9511_07 Datasheet HTML 7Page - Maxim Integrated Products MAX9511_07 Datasheet HTML 8Page - Maxim Integrated Products MAX9511_07 Datasheet HTML 9Page - Maxim Integrated Products MAX9511_07 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
RGBHV Driver with EMI Suppression
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = 5V, VDD1 = 5V, VDD2 = 3V, RL = 150Ω to AGND, RRX = 7kΩ to AGND, TA = +25°C, unless otherwise noted.)
SYNC PULSE RESPONSE
MAX9511 toc10
50µs/div
INPUT
1V/div
OUTPUT
1V/div
0V
0V
CL = 510pF
CL = 330pF
CL = 220pF
CL = 150pF
CL = 47pF
RL = 2.2kΩ
DDC_IN TO DDC_OUT
PULSE RESPONSE
MAX9511 toc11
500ns/div
INPUT
1V/div
OUTPUT
2V/div
0V
0V
RL = 100kΩ
CL = 47pF
tR = 250ns
tF = 30ns
DDC_OUT TO DDC_IN
PULSE RESPONSE
MAX9511 toc12
500ns/div
INPUT
2V/div
OUTPUT
1V/div
0V
0V
RL = 100kΩ
CL = 47pF
tR = 280ns
tF = 4ns
POWER-SUPPLY CURRENT
vs. TEMPERATURE (ICC)
TEMPERATURE (°C)
50
25
32
34
36
38
40
42
44
46
48
50
30
075
OUTPUT IMPEDANCE
vs. FREQUENCY
FREQUENCY (Hz)
100M
10M
1M
100k
1
2
3
4
5
6
7
8
9
10
11
12
0
10k
1G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com