Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA950A1MPWTSEP Datasheet(PDF) 18 Page - Texas Instruments

Part # INA950A1MPWTSEP
Description  INA950-SEP 2.7V to 80V, 1.1MHz, Ultra-Precise, Current-Sense Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA950A1MPWTSEP Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA950A1MPWTSEP Datasheet HTML 14Page - Texas Instruments INA950A1MPWTSEP Datasheet HTML 15Page - Texas Instruments INA950A1MPWTSEP Datasheet HTML 16Page - Texas Instruments INA950A1MPWTSEP Datasheet HTML 17Page - Texas Instruments INA950A1MPWTSEP Datasheet HTML 18Page - Texas Instruments INA950A1MPWTSEP Datasheet HTML 19Page - Texas Instruments INA950A1MPWTSEP Datasheet HTML 20Page - Texas Instruments INA950A1MPWTSEP Datasheet HTML 21Page - Texas Instruments INA950A1MPWTSEP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
7.2.1 Design Requirements
VSUPPLY is set to 5V and the common-mode voltage set to 54V. Table 7-3 lists the design setup for this
application.
Table 7-3. Design Parameters
DESIGN PARAMETERS
EXAMPLE VALUE
INA950-SEP supply voltage
5V
High-side supply voltage
5V
Maximum sense current (IMAX)
5A
Gain option
20V/V
7.2.2 Detailed Design Procedure
The maximum value of the current-sense resistor is calculated based on the choice of gain, value of the
maximum current to be sensed (IMAX), and the power-supply voltage (VS). When operating at the maximum
current, the output voltage must not exceed the positive output swing specification, VSP. Under the given design
parameters, Equation 6 calculates the maximum value for RSENSE as 48mΩ.
SP
SENSE
MAX
V
R
<
I
GAIN
u
(6)
Although 45.3mΩ is less than the maximum value calculated, 45.3mΩ is selected for this design example
because this value is still large enough to provide an adequate signal at the current-sense amplifier output and is
a standard 1% value.
7.2.2.1 Overload Recovery With Negative VSENSE
The INA950-SEP is a unidirectional current-sense amplifier that is meant to operate with a positive differential
input voltage (VSENSE). If negative VSENSE is applied, the device is placed in an overload condition and requires
time to recover when VSENSE returns positive. The required overload recovery time increases with more negative
VSENSE.
7.2.3 Application Curve
Figure 7-3 shows the output response of the device to a high-frequency sinusoidal current.
Time (10 s/div)
INA950 VOUT (0.4 V/div)
VSENSE (20 mV/div)
Figure 7-3. INA950-SEP Output Response
INA950-SEP
SBOSAK8 – MARCH 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA950-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com