Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSG Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # TSG
Description  Repeat Cycle ON-Time First Solid-State Output
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

TSG Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  TSG Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
96
Repeat Cycle ON-Time
First Solid-State Output
OPERATION
Application of voltage to the input of the timer energizes the load and
initiates the ON time. Upon completion of the ON time, the load de-
energizes and the OFF time begins. Upon completion of the OFF time,
the load energizes and one cycle is completed. This ON/OFF cycling
continues until voltage is removed from the input. The ON/OFF time
periods are independently adjustable.
SUPPLY
VOLTAGE
OUTPUT
T1
T1
T1
T2
T2
WIRING
DIMENSIONS (INCHES)
MODEL NUMBER
MODEL NUMBER
TSG
A
C
SUPPLY VOLTAGE
24 VAC
24
120 VAC
120
240 VAC
240
TYPE OF OPERATION
Fixed
F
External Resistor Adjustable;
R
See page 82 for resistor selection.
DELAY PERIOD
See page 82 for standard ranges available
Example: TSG-24-ARC-300—Repeat cycle, 24 VAC, external resistor
adjustable from 3 to 300 seconds, UL recognizable.
SPECIFICATIONS
TIMING
Virtually unlimited.
RANGES
See page 77 for standard ranges available.
OUTPUT
Solid-state, SPST-N.O. 1 amp resistive;
RATING
1 amp 25VA @ 24VAC
1 amp 125VA @ 120VAC
.5 amp 125VA @ 240 VAC
TIMING
Minimum Setting
+0 – 20%
TOLERANCES
Maximum Setting
±10%
REPEATABILITY 1% maximum; no first cycle effect
RESET TIMES
Before Time Out
100 mSEC
After Time Out
50 mSEC
RECYCLE TIME
40 mSEC
SUPPLY VOLTAGE 24, 120, or 240 VAC, 50/60 Hz; ±10%
FALSE TRANSFER No
DUTY CYCLE
Continuous
ENCLOSURE
Surface mounted; totally encapsulated with a
high quality epoxy for environmental protection.
TEMPERATURE
Operate
32° to 131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
TERMINATIONS 1/4" quick disconnect terminals
WEIGHT
NET: 1.28 oz Shipping: 1.6 oz.
E55826
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - TSG

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
TSG020A001D ASHCROFT-TSG020A001D Datasheet
354Kb / 4P
Ashcroft® SMART Transmitter Assemblies
RevB_08-19-20
TSG020A001G ASHCROFT-TSG020A001G Datasheet
354Kb / 4P
Ashcroft® SMART Transmitter Assemblies
RevB_08-19-20
TSG020A001S ASHCROFT-TSG020A001S Datasheet
354Kb / 4P
Ashcroft® SMART Transmitter Assemblies
RevB_08-19-20
TSG020A001T ASHCROFT-TSG020A001T Datasheet
354Kb / 4P
Ashcroft® SMART Transmitter Assemblies
RevB_08-19-20
TSG020A002D ASHCROFT-TSG020A002D Datasheet
354Kb / 4P
Ashcroft® SMART Transmitter Assemblies
RevB_08-19-20
More results

Similar Description - TSG

ManufacturerPart #DatasheetDescription
logo
NEC
PS7341B-1B NEC-PS7341B-1B Datasheet
31Kb / 2P
6 PIN DIP LOW OUTPUT CAPACITANCE, LOW ON-STATE RESISTANCE, SOLID STATE RELAY
logo
COSMO Electronics Corp...
KAQV213H COSMO-KAQV213H Datasheet
209Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQV216H COSMO-KAQV216H Datasheet
209Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQV414H COSMO-KAQV414H Datasheet
208Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
logo
Tyco Electronics
SRC MACOM-SRC Datasheet
156Kb / 1P
Specification Grade Repeat Cycle
VTM7 MACOM-VTM7 Datasheet
180Kb / 1P
Repeat Cycle Timing Module
logo
California Eastern Labs
PS7341B-1B CEL-PS7341B-1B Datasheet
34Kb / 2P
6 PIN DIP LOW OUTPUT CAPACITANCE, LOW ON-STATE RESISTANCE, SOLID STATE RELAY
logo
Micropac Industries
53507 MICROPAC-53507 Datasheet
180Kb / 9P
SELECTABLE OUTPUT SOLID STATE
logo
Integrated Silicon Solu...
IS49NLC96400A ISSI-IS49NLC96400A Datasheet
980Kb / 36P
Reduced cycle time
logo
Littelfuse
T10 LITTELFUSE-T10 Datasheet
177Kb / 1P
Solid-State On-Delay Timer
2019 Rev: 2-B-043019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com