Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSK Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # TSK
Description  Flasher Solid-State Output
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

TSK Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  TSK Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
98
Flasher Solid-State Output
OPERATION
When power is applied, the OFF time begins. Upon completion of the
OFF time, the load energizes and the ON time begins. Upon completion
of the ON time, the load de-energizes and one cycle is complete. This
OFF/ON cycling continues until the voltage is removed. THE OFF TIME
ALWAYS EQUALS THE ON TIME.
SUPPLY
VOLTAGE
OUTPUT
T1
T1
T1
T1
T2
T1
T2
T2
T2
WIRING
DIMENSIONS (INCHES)
MODEL NUMBER
MODEL NUMBER
TSK
A
C
SUPPLY VOLTAGE
24 VAC
24
120 VAC
120
240 VAC
240
TYPE OF OPERATION
Fixed
F
External Resistor Adjustable;
R
See page 82 for resistor selection.
DELAY PERIOD
See page 82 for standard ranges available
Example: TSG-24-ARC-300—Repeat cycle, 24 VAC, external resistor
adjustable from 3 to 300 seconds, UL recognized.
SPECIFICATIONS
OUTPUT
Solid-state, SPST-N.O. 1 amp resistive;
RATING
1 amp 25VA @ 24VAC
1 amp 125VA @ 120VAC
.5 amp 125VA @ 240 VAC
DELAY PERIOD
Up to 2 hours fixed or external resistor
adjustable; see page 77 for standard ranges.
REPEATABILITY 1% maximum; no first cycle effect
LOAD TYPE
Resistive, incandescent, or inductive
SUPPLY VOLTAGE 24, 120 or 240 VAC, 50/60 Hz; ±10%
FALSE TRANSFER No
DUTY CYCLE
50%
ENCLOSURE
Surface mounted; totally encapsulated with a
high quality epoxy for environmental protection.
TEMPERATURE
Operate
32° to 131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
TERMINATIONS 1/4" quick disconnect terminals
WEIGHT
NET: 1.28 oz Shipping: 1.6 oz.
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - TSK

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TSK-044033-10-9 MACOM-TSK-044033-10-9 Datasheet
2Mb / 48P
Label format - Old format order code cross reference
TSK-064064-25-9 MACOM-TSK-064064-25-9 Datasheet
2Mb / 48P
Label format - Old format order code cross reference
TSK-080080-10-9 MACOM-TSK-080080-10-9 Datasheet
2Mb / 48P
Label format - Old format order code cross reference
TSK-095080-25-9 MACOM-TSK-095080-25-9 Datasheet
2Mb / 48P
Label format - Old format order code cross reference
TSK-095095-10-9 MACOM-TSK-095095-10-9 Datasheet
2Mb / 48P
Label format - Old format order code cross reference
More results

Similar Description - TSK

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33288 MOTOROLA-MC33288 Datasheet
382Kb / 8P
Solid State Relay for Automotive Flasher Applications
logo
TEMIC Semiconductors
U2044B TEMIC-U2044B Datasheet
177Kb / 6P
Dual Output Flasher
logo
ATMEL Corporation
U2044B ATMEL-U2044B Datasheet
215Kb / 8P
DUAL OUTPUT FLASHER
logo
Unisonic Technologies
L2044 UTC-L2044 Datasheet
101Kb / 3P
DUAL OUTPUT FLASHER
logo
ATMEL Corporation
U2044B ATMEL-U2044B_05 Datasheet
227Kb / 9P
Dual Output Flasher
logo
Freescale Semiconductor...
33288 FREESCALE-33288 Datasheet
315Kb / 15P
Solid State Relay for Automotive Flasher Applications
logo
Unisonic Technologies
L2044 UTC-L2044_10 Datasheet
157Kb / 3P
DUAL OUTPUT FLASHER
L2044 UTC-L2044_15 Datasheet
195Kb / 5P
DUAL OUTPUT FLASHER
logo
Micropac Industries
53507 MICROPAC-53507 Datasheet
180Kb / 9P
SELECTABLE OUTPUT SOLID STATE
logo
Unisonic Technologies
LL204 UTC-LL204_17 Datasheet
218Kb / 5P
DUAL OUTPUT FLASHER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com