Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S26361-F5000-R006 Datasheet(PDF) 3 Page - Kontron

Part # S26361-F5000-R006
Description  Intel® H310 Express Chipset and Intel® 8th/9th Gen Core™
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

S26361-F5000-R006 Datasheet(HTML) 3 Page - Kontron

  S26361-F5000-R006 Datasheet HTML 1Page - Kontron S26361-F5000-R006 Datasheet HTML 2Page - Kontron S26361-F5000-R006 Datasheet HTML 3Page - Kontron S26361-F5000-R006 Datasheet HTML 4Page - Kontron S26361-F5000-R006 Datasheet HTML 5Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.kontron.com
D3634-S mITX
Technical Information
Power Supply Requirements
SYSTEM CONTROL
FP HEADER
SECURITY
1x Header for Reset button, HDD LED & Internal Speaker,
Power button, Power LED
Recovery BIOS, System and BIOS Password, Boot Sequence Control,
Serial-/USB-Port Access Protection, Write Protection for Flash BIOS, EraseDisk
(BIOS Feature), Intel integrated TPM V2.0
COOLING
FAN
2x PWM fan (CPU/System)
SOFTWARE
OS SUPPORT
MS Windows 10, MS Windows 11*
Linux-64
MECHANICAL
DIMENSIONS (L x W)
Mini-ITX: 6.7“ x 6.7“ (170 x 170 mm)
CERTIFICATION
EMC & SAFETY
FCC-B verified
cTÜVus acc. IEC62368-1, CE Class B
*) MS Windows 11 "runnable", but not validated by Kontron
SOURCE*
VOLTAGE
MIN. PS LOAD
MAX. VOLTAGE
TOLERANCE
MOTHERBOARD
CAPACITIVE LOAD
MOTHERBOARD
MAX. CURRENT
Main Power Supply
(Multi Rail)
+ 12 V
0.05 A
± 5 %
1.300 µF
10 A / 18 A**
- 12 V
0 A
-
Not used
+ 5 V
0.2 A
± 5 %
900 µF
4.5 A
+ 3.3 V
0 A
± 5 %
350 µF
0.5 A
+ 5 Vaux
0 A
+ 5 % / - 3 %
330 µF
2.5 A
Single 12 V DC
+ 12 V
0 A
± 5 %
1.300 µF
11 A / 19 A***
*)
ATX PSU (multi rail) or single 12 V DC Supply
**) Processor 95 W TDP: Max. Cont. Current = 10 A; max. Surge Current = 16 A (< 100 sec) / 18 A (< 10 ms)
Processor 65 W TDP: Max. Cont. Current = 7 A; max. Surge Current = 14 A (< 100 sec) / 18 A (< 10 ms)
Processor 35 W TDP: Max. Cont. Current = 4 A; max. Surge Current = 10 A (< 100 sec) / 14 A (< 10 ms)
***) Max. load for single 12 V DC supply: approx. +1 A compared to multi rail supply



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com