Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S26361-F5000-R006 Datasheet(PDF) 4 Page - Kontron

Part # S26361-F5000-R006
Description  Intel® H310 Express Chipset and Intel® 8th/9th Gen Core™
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

S26361-F5000-R006 Datasheet(HTML) 4 Page - Kontron

  S26361-F5000-R006 Datasheet HTML 1Page - Kontron S26361-F5000-R006 Datasheet HTML 2Page - Kontron S26361-F5000-R006 Datasheet HTML 3Page - Kontron S26361-F5000-R006 Datasheet HTML 4Page - Kontron S26361-F5000-R006 Datasheet HTML 5Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.kontron.com
D3634-S mITX
Connector/Socket Diagram
Technical Details
FEATURES
Chipset
Board Size
VGA / DVI-I / DVI-D / DP V1.2 / 2nd DP V1.2 / LVDS / eDP
Buzzer / int. Speaker Support / 5.1 Multichannel Audio
Dual LAN Gbit / 100 Mbit / 10 Mbit / WoL / LAN Boot / Teaming
iAMT 12.0 vPro / Intel Standard Manageability / DASH V1.1
SATA / SATA-RAID / eSATA-Support / mSATA / M.2 SSD (PCIe)
USB 2.0 / USB 3.1 (gen1) / USB 3.1 (gen2)
FAN monitored & controlled PSU / CPU / AUX1 / AUX2
TEMP monitored CPU / onboard sensors / external sensor
iH310
Mini-ITX
- / - / + / + / - / + / +
+ / + / +
+ / + / + / + / + / +
- / - / -
+ / - / + / - / +
+ / + / -
- / + / + / -
+ / + / -
SPECIAL FEATURES
Silent Fan / System Guard / cTDP
Recovery BIOS / Desk Update / Multi Boot
HDD Password / EraseDisk / TPM V2.0
BIOS POST- / BIOS Boot- / OS HW Watchdog
Logo Boot Option
High Efficiency Core Voltage Regulator Design
Operating Mode 24-7 / 8-5 (hrs per day - days per week)
Motherboard operating temperature range (chassis inside)*
+ / + / +
+ / + / +
+ / + / +
+ / + / +
+
+
+ / -
0 °C – 60 °C
INTERNAL CONNECTORS
SO DIMM Sockets (DDR4 2666)
PCI Express x16 (Gen2) / Support for lane split (8+8 or 8+4+4)
mSATA / Mini PCI Express Slot (halfsize / fullsize, incl.USB 2.0)
SATA-600 / M.2 SSD 2280 (supports 2280/2260/2242, Key-M, PCIe/NVME)
S/PDIF (digital Audio) OUT / IN
Frontpanel Audio (9-Pin, HD Audio)
USB 2.0 / USB 3.1 (Gen1) / USB 3.1 (Gen2) / USB Stick Socket**
Serial (COM2, RS-232 / RS-422 / RS-485) / Parallel Port Connector
LVDS / LVDS Backlight (PWM controlled) / Embedded DisplayPort
FAN PSU / CPU / AUX1 / AUX2
Intrusion (Case Open) / GPIO (8Bit) / SMBus (Case Temp.)
Front Panel (Power Switch, Reset Switch, LEDs, Intel 10 pin compatible)
ATX Power Supply (24 pin + 4 pin) / single 12 V PSU***
2
1 / -
- / 1
4 / 1
1 / 0
1
1 / 1 / - / -
1 / -
1 / 1 / 1
0 / 1 / 1 / 0
1 / 1 / -
1
1 / 1
EXTERNAL CONNECTORS
VGA Sub D / DVI-I / DVI-D / DisplayPort V1.2
D3634-S Audio Mic. In / Line in / Line out (or driver configuration)
LAN (RJ-45)
PS/2 Mouse / Keyboard
USB 2.0 / USB 3.1 Gen1 / USB 3.1 Gen2
Serial (COM1, RS232)
- / - / 1 / 1
- / 1 / 1
2
1 / 1
3 / 2 / -
1
*) Forced cooling required, see technical documentation for detailed requirements
**) Each internal USB connector (pin header) provides two USB ports (except for USB stick socket)
***) Alternatives: Powered by ATX (multi rail) PSU or single 12 V DC
INTERNAL USE ONLY
INTERNAL USE ONLY
Socket LGA1151
CoffeeLake-S
max. 95W TDP
ATX/12V PSU-24pin
Q370
PCH with
heatsink
8-Layer PCB
4 x SATA III
PCIe x16 Gen3 (16 lanes)
IO
24bit
dual-
channel
LVDS
2 x DDR4-
2666 / 2400 SO
M.2
socket
2242/
2260/
2280
PCIe
@4lanes
Embedded
DisplayPort
(2 Lanes)
12V (4pin)
for processor
Mini-PCIe
Socket
incl. USB
(halfsize/
fullsize)
Front
Panel
COM2
Fan CPU
Audio
Battery
170 mm
170 mm
Backlight
LVDS
Fan
Chassis
Intrusion
USB3.1 Gen1
USB2.0
SP/DIF
GPIO
D3633-S // Q370 D3634-S // H310
Configuration CougarPoint-Industrial_V04 © 2010 FUJITSU
8
USB 3.1
Gen2
Stick Socket
Socket LGA1151
CoffeeLake-S
max. 95W TDP
ATX/12V PSU-24pin
H310
PCH with
heatsink
8-Layer PCB
4 x SATA III
PCIe x16 Gen3 (16 lanes)
IO
24bit
dual-
channel
LVDS
2 x DDR4-
2666 / 2400 SO
Embedded
DisplayPort
(2 Lanes)
12V (4pin)
for processor
Front
Panel
COM2
Fan CPU
Audio
Battery
170 mm
170 mm
Backlight
LVDS
Fan
Chassis
Intrusion
USB3.1, Gen1
USB2.0
SP/DIF
GPIO
M.2
socket
2242/
2260/
2280
PCIe
@2lanes
Mini-PCIe
Socket
incl. USB
(halfsize/
fullsize)
D3633-S
D3634-S



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com