Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD400HTX120P6H Datasheet(PDF) 5 Page - StarPower Europe AG

Part # GD400HTX120P6H
Description  1200V/400A 6 in one-package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD400HTX120P6H Datasheet(HTML) 5 Page - StarPower Europe AG

  GD400HTX120P6H Datasheet HTML 1Page - StarPower Europe AG GD400HTX120P6H Datasheet HTML 2Page - StarPower Europe AG GD400HTX120P6H Datasheet HTML 3Page - StarPower Europe AG GD400HTX120P6H Datasheet HTML 4Page - StarPower Europe AG GD400HTX120P6H Datasheet HTML 5Page - StarPower Europe AG GD400HTX120P6H Datasheet HTML 6Page - StarPower Europe AG GD400HTX120P6H Datasheet HTML 7Page - StarPower Europe AG GD400HTX120P6H Datasheet HTML 8Page - StarPower Europe AG GD400HTX120P6H Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
GD400HTX120P6H
IGBT Module
©2023 STARPOWER Semiconductor Ltd.
3/17/2023
5/10
B04
Module Characteristics T
F=25
oC unless otherwise noted
Symbol
Parameter
Min.
Typ.
Max.
Unit
LCE
Stray Inductance
8
nH
RCC’+EE’
Module Lead Resistance, Terminal to Chip
0.75
mΩ
△p
△V/△t=10.0dm
3/min,TF=75oC
64
mbar
p
Maximum Pressure In Cooling Circuit
2.5
bar
RthJF
Junction-to-Cooling Fluid (per IGBT)
Junction-to-Cooling Fluid (per Diode)
△V/△t=10.0dm
3/min,TF=75oC
0.090
0.126
0.103
0.145
K/W
M
Terminal Connection Torque, Screw M5
Mounting Torque, Screw M4
3.6
1.8
4.4
2.2
N.m
G
Weight of Module
750
g



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com