Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSCDF10065G1 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSCDF10065G1
Description  10A, 650V SiC Merged PIN Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSCDF10065G1 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSCDF10065G1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSCDF10065G1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSCDF10065G1 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSCDF10065G1 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSCDF10065G1 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSCDF10065G1 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSCDF10065G1
Taiwan Semiconductor
2
Version: A2404
THERMAL PERFORMANCE
PARAMETER
SYMBOL
TYP
MAX
UNIT
Junction-to-case thermal resistance
RӨJC
2.0
2.4
°C/W
ELECTRICAL SPECIFICATIONS (T
A
= 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
TYP
MAX
UNIT
Forward voltage(1)
IF = 5A, TJ = 25°C
VF
1.14
-
V
IF = 10A, TJ = 25°C
1.34
1.45
V
IF = 5A, TJ = 150°C
1.17
-
V
IF = 10A, TJ = 150°C
1.53
-
V
IF = 5A, TJ = 175°C
1.20
-
V
IF = 10A, TJ = 175°C
1.60
1.85
V
Reverse current @ rated VR(2)
TJ = 25°C
IR
-
20
µA
TJ = 175°C
-
200
µA
Junction capacitance
f = 1MHz, VR = 1V
CJ
475
-
pF
f = 1MHz, VR = 200V
70
-
pF
f = 1MHz, VR = 400V
45
-
pF
Capacitive Charge
VR = 400V
QC
31
-
nC
Notes:
1.
Pulse test with PW = 0.3ms
2.
Pulse test with PW = 30ms
ORDERING INFORMATION
ORDERING CODE
PACKAGE
PACKING
TSCDF10065G1
ITO-220AC-2L
50 / Tube



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com