Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSCDF10065G1 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSCDF10065G1
Description  10A, 650V SiC Merged PIN Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSCDF10065G1 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSCDF10065G1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSCDF10065G1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSCDF10065G1 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSCDF10065G1 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSCDF10065G1 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSCDF10065G1 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TSCDF10065G1
Taiwan Semiconductor
3
Version: A2404
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Fig.1 Typical Forward Characteristics
Fig.2 Typical Reverse Characteristics
Fig.3 Peak forward current versus case temperature
Fig.4 Typical Junction Capacitance
Fig.5 Typical Capacitive Charge
FIG.6 Typical Capacitance Stored Energy
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
Pulse width 300μs
1% duty cycle
T
J=25°C
T
J=125°C
T
J=-55°C
T
J=150°C
T
J=175°C
0.0001
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
T
J=25°C
T
J=125°C
T
J=150°C
T
J=175°C
0
20
40
60
80
0
25
50
75
100
125
150
175
D = 0.1
D = 0.2
D = 0.3
D = 0.7
D = 0.5
D = 1
0
100
200
300
400
500
600
0.1
1
10
100
1000
f=1.0MHz
Vsig=50mVp-p
0
10
20
30
40
50
0
100
200
300
400
500
600
0
1
2
3
4
5
6
7
8
9
10
11
12
0
100
200
300
400
500
600
CASE TEMPERATURE (°C)
REVERSE VOLTAGE (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FORWARD VOLTAGE (V)
REVERSE VOLTAGE (V)
REVERSE VOLTAGE (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com