Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 171 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 171 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 167Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 168Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 169Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 170Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 171Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 172Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 173Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 174Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 175Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 225 page
background image
Chapter 9 Synchronous Serial I/O (TXSEI)
Preliminary
9-16
9.3.1
TXSEI Transfer Format
During an SEI transfer, data is simultaneously transmitted (shifted out serially) and received serially
(shifted in serially). The serial clock synchronizes shifting and sampling of the information on the two
serial data lines.
The transfer format depends on the settings of the SPHA and SPOL registers in the SECR0 register.
SPHA switches between two fundamentally different transfer protocols, which are described below.
9.3.1.1
SPHA Equals 0 Format
SCK (SPOL = 0)
SCK (SPOL = 1)
TX
RX
SS
Cycle #
SRRDY
n= 5,6,...,16
1
2
3
4
n-3
n-2
n-1
n
Sample Point
Figure 9.3.1 Protocol Timing for SPHA=0
In this transfer format, the bit value is captured on the first clock edge. This will be on a rising
edge when SPOL equals zero and on a falling edge when SPOL equals one. The levels on the TX
and RX signals change with the second clock edge on SCK. This clock edge will be a falling edge
when SPOL equals zero and a rising edge, when SPOL equals one. With SPOL equal to zero, the
shift clock will idle low. With SPOL equals 1 it will idle high.
In master mode, when a transfer is initiated by writing a new value to the SEDR register the
new data is placed on the TX signal for half a clock cycle before the shift clock starts to operate.
After the last shift cycle, the STRDY and SRRDY flags will be asserted.
In this format the SS signal has to be deasserted and reasserted between each successive frame.
If the TXSEI is configured as a slave, SS has to be deasserted at least for the period of one TXSEI
bit time (at least 8 system clocks).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com