Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 170 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 170 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 166Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 167Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 168Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 169Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 170Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 171Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 172Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 173Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 174Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 225 page
background image
Chapter 9 Synchronous Serial I/O (TXSEI)
Preliminary
9-15
9.3
TXSEI Operations
There are five signals associated with SEI transfers multiplexed on the PIO pins. The use of each signal
depends on the mode (master/slave) of the SEI device. Because the SEI signals are on a shared pin it is
necessary to deactivate PIOs 16, 17, 18, 19 and 22 by writing a zero to bits 16, 17, 18, 19 and 22 in the
PMUX register. Furthermore the selection whether TXSEI or UART0 functionality is mapped to the
corresponding pins has to be done via the Chip Configuration Register (CCR).
A typical configuration consists out of one master device, which controls several slave devices. Only the
master and one slave device are active at once. The master selects one slave for communication using the
PORT pins to select each slave separately. Only the selected slave enables its port driver for the RX signal.
TXSEI offers a dedicated Slave Select input, which allows it to act on busses with multiple master
devices. The dedicated Slave Select input guarantees a fast response to master’s device selection on the bus.
PIO16/CLK(SEI)/CLK(SIO0) pin:
In master mode the CLK pin is used as an output, in slave mode it functions as input. When TXSEI is
configured as master, the CLK signal is derived from the internal TXSEI clock generator depending on
the SEI polarity and clock rate settings. When the master initiates a transfer, a programmable number of
5 to 16 clock cycles are automatically generated on the CLK pin. When TXSEI is configured as a slave,
the CLK pin synchronizes data output and input to and from the external master. In both the master and
slave SEI device, data is shifted on one edge of the CLK signal and is sampled on the opposite edge
where data is stable. The edge polarity is determined by the SEI transfer protocol.
PIO18/TX(SEI)/TX(SIO0) and PIO17/RX(SEI)/RX(SIO1)
The RX and TX data pins are used for receiving and transmitting serial data. When the SEI is
configured as a master, RX is the data input line, and TX is the master data output line. When the SEI is
configured as a slave, these pins reverse roles.
PIO19/SSI(SEI)/CLK(SIO1) pin
The Slave Select Input port is used in Slave mode. The Slave Select Input signal is active low. If
TXSEI’s Slave Select Input is inactive, TXSEI will not follow the transmissions on the SEI bus.
If the Slave Select signal goes inactive during a running transfer and there are still other bits of the
current transfer expected to receive, a Transfer Format Error will be signaled. The current value of the
shift buffer will be transferred to the receive buffer despite of this error.
When TXSEI is configured to be the master and the SSI pin is asserted a transmission error will be
recognized. This function can be disabled with the SSIVAL bit in the SECR0 register.
PIO22/SSO(SEI)/RTS(SIO1) pin
PIO22 is the dedicated slave select output signal and is asserted during transfer in master mode by the
TXSEI device. In the case that the protocol of the connected device expects that the SS signal idles low
for longer than 16 bits this signal must be generated using the PORT module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com