Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 166 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 166 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 162Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 163Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 164Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 165Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 166Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 167Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 168Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 169Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 170Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 225 page
background image
Chapter 9 Synchronous Serial I/O (TXSEI)
Preliminary
9-11
SEI Status Register (SESR)
In the SEI Status Register, the status flags can only be read, while error flags are cleared by writing a “1”
value to the respective bit position. Writing a “0” to the Error Flags has no effect.
Bit
3130
292827
262524
Name
Bit
2322
212019
181716
Name
Bit
1514
131211
10
9
8
Name
TBSI
RBSI
TBS
RBS
Bit
7
6
543
210
Name
SEOE
SEUE
SETF
IFSD
SIDLE
STRDY
SRRDY
Bit
Name
Function
Reset
Value
R/W
31:16
Unused
0x0000
R
15
TBSI
Transmit Buffer Status Indicator
This register indicates a transmit fill level interrupt
1
R
14
RBSI
Receive Buffer Status Indicator
This register indicates a receive fill level interrupt
0
R
13:11
TBS
Transmit Buffer Status
This register shows the status of the transmit buffer.
000 = Transmit Buffer Empty
001 = 1 transfer stored
010 = 2 transfers stored
011 = 3 transfers stored
100 = 4 transfers stored, Buffer full
000
R
10:8
RBS
Receive Buffer Status
This register shows the status of the receive buffer.
000 = Receive Buffer Empty
001 = 1 transfer stored
010 = 2 transfers stored
011 = 3 transfers stored
100 = 4 transfers stored, Buffer full
000
R
7
SEOE
SEI Overflow Error:
This flag indicates that a value in the receive buffer has been
overwritten, before it could be read. This flag always reads “0” in
master mode. In slave mode, it can be cleared by writing a “1” value
to it. This flag will be cleared by setting the module in configuration
mode.
0
R/C
6
SEUE
SEI Underflow Error:
This flag indicates that an external master tried to shift the shift
register, while no new output values were specified by writing to the
data register. This flag always reads “0” in master mode. In slave
mode it is cleared by writing a “1” to it. This flag will be cleared by
setting the module in configuration mode.
0
R/C
5
SETF
SEI Transfer Format Error:
This flag indicates a violation of the transfer format. See paragraph
"Transfer Format Error". It can be cleared by writing a “1” to it. This
flag will be cleared by setting the module in configuration mode.
0
R/C
4
Unused
0R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com