Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 164 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 164 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 160Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 161Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 162Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 163Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 164Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 165Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 166Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 167Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 168Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 225 page
background image
Chapter 9 Synchronous Serial I/O (TXSEI)
Preliminary
9-9
This counter is implemented as a down counter. It is reloaded each time a transfer is completed. When
another transfer is buffered, the new transfer value will be loaded to the shift buffer after the timer has
expired and the transmission will start.
The Inter Frame Space Timer can be disabled by setting this register to “0” and two consecutive transfers
will be sent using only the minimum amount of time required to load the buffers between consecutive frames
(seamless transfer). When the counter reload value in the IFS register is “0” the inter frame space will be one
system clock cycle (16.67 ns at 60 MHz system clock).
When the prescaler is not used, the inter frame space can be calculated using the following formula:
SYS
IFS
f
IFS
t
1
+
=
(range: 16.67 ns up to 17.07
µs at 60 MHz system clock)
When using the prescaler, the inter frame space can be calculated using the following formula:
SYS
IFS
f
IFS
t
1)
(
32
+
×
=
(range: 533.33 ns up to 546.13
µs at 60 MHz system clock)
The IFS register can be written in configuration mode and in active mode. Writing to the IFS register
always clears the Inter Frame Space counter. Therefore, if the shift buffer contains a message, which is
waiting to be transferred, this message will be sent immediately, as soon as the IFS register is being written.
This will also be the case, if the old value is rewritten to the register. If this behavior is not intended, it is
possible to wait for SIDLE flag becoming “0”, before writing to the register.
The IFSD flag in the SESR register is asserted for the time the transfer is delayed by the IFS mechanism.
SEI Slave Select Space Register (SESS)
Bit
3130
29
28
27
262524
Name
Bit
2322
212019
181716
Name
Bit
1514
131211
10
9
8
Name
Bit
7
6
543
210
Name
SESS
Bit
Name
Function
Reset
Value
R/W
31:8
Unused
0x000000
R
7:0
SESS
Slave Select Space: Time between assertion of slave select signal
and transmission start
0
R/W
The contents of this register is the reload value of the Slave Select Timer. Write accesses to this register
are possible in configuration mode and in active mode. Writing to this register clears the slave select counter.
This register is used to configure the amount of time, which is inserted between activating the slave select
output signal in master mode and starting the transfer and between the transfer end and deactivating the slave
select output signal. The time is guaranteed by an internal 8-bit down counter. The counter runs on SEI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com