Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 162 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 162 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 158Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 159Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 160Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 161Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 162Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 163Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 164Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 165Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 166Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 225 page
background image
Chapter 9 Synchronous Serial I/O (TXSEI)
Preliminary
9-7
SEI Control Register 1 (SECR1)
The number of bits per frame is configured using this register. This register could only be written, when
the module is in configuration mode.
Bit
3130
292827
262524
Name
Bit
2322
212019
181716
Name
Bit
1514
131211
10
9
8
Name
SER
Bit
7
6
543
210
Name
SSZ
Bit
Name
Function
Reset
Value
R/W
31:16
Unused
0x0000
R
15:8
SER
In master-mode, this setting controls the bit-rate for transmission.
The internal clock rate generator is implemented as a down counter.
The SER setting specifies the reload value for this counter.
0x01
R/W
7:5
wired to zero
0R
4:0
SSZ
Transfer Size
0x05 = 5 bits
0x06 = 6 bits
...
...
0x10 = 16 bits
others = invalid setting
Note: If SSZ has an invalid setting, the TXSEI will not work properly.
0
R/W
This register can only be written, if TXSEI is in configuration mode.
The clock-rate on the SEI bus can be calculated using the following formula:
1)
(
2
+
⋅
=
SER
f
f
system
SEI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com