Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 159 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 159 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 155Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 156Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 157Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 158Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 159Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 160Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 161Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 162Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 163Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 225 page
background image
Chapter 9 Synchronous Serial I/O (TXSEI)
Preliminary
9-4
SEI Master Control Register (SEMCR)
Bit
3130
29
28
27
262524
Name
Bit
2322
212019
181716
Name
Bit
1514
131211
10
9
8
Name
Bit
7
6
543
210
Name
OPMODE
LOOP
SESTP
BCLR
Bit
Name
Function
Reset
Value
R/W
31:8
Unused
0x000000
R
7:6
OPMODE
Operation Mode
00 = Don’t care. Writing this value to the OPMODE bits doesn’t
change anything
01 = Configuration Mode:
Use this mode to change the settings of the bits MSTR, SBOS,
SPOL and SPHA in SECR0 and also the SECR1 register.
10 = Active Mode: normal operation mode
11 = Reserved. Do not use this setting
In Configuration Mode the SESTP and LOOP bit and also the
receive and transmit FIFO will be cleared. The master and slave
control modules will be kept in reset. Running transfers are
immediately aborted, even within the current frame.
01
R/W
5:3
Wired to zero
000
R
2
LOOP
Loop Enable:
If TXSEI is configured as a Master, this bit can be used to switch a
loop-back from the TX to the RX pin for diagnostic purpose. It could
be set only when the TXSEI is in active mode and configured as a
master. Setting the TXSEI in configuration mode will clear this bit.
0 = Loop disabled, normal operation
1 = Loop enabled
0
R/W
1
SESTP
SEI Stop
This bit is used only during master mode. If this flag is asserted, the
module will stop the transfer after the current frame has been
completed. This bit could be set only when the TXSEI is in active
mode and configured as a master. Setting the TXSEI in
configuration mode will clear this bit.
0 = Normal operation
1 = Module will stop after completion of the current transfer
0
R/W
0
BCLR
SEI Buffer Clear
This flag is used to clear the receive and transmit FIFO and can only
be used in master mode. The internal buffers can only be cleared, if
the module is already in stop mode. In this case, the FIFO logic can
be reset by writing a “1” value to this bit. The module can be taken
out of the stop mode in the same access.
A stop of TXSEI and clearance of the buffers might become
necessary to guarantee a fast response to events. It is
recommended to wait until the TXSEI module is idle (SIDLE=1)
before activating BCLR.
This bit will always be read as “0”.
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com