Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 160 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 160 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 156Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 157Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 158Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 159Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 160Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 161Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 162Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 163Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 164Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 225 page
background image
Chapter 9 Synchronous Serial I/O (TXSEI)
Preliminary
9-5
SEI Control Register 0 (SECR0)
Bit
3130
29
28
27
262524
Name
Bit
2322
212019
181716
Name
Bit
1514
131211
10
9
8
Name
TXIFL
RXIFL
SILIE
SOEIE
SUEIE
STFIE
Bit
7
6
543
210
Name
SSIVAL
IFSPSE
MSTR
SBOS
SPHA
SPOL
Bit
Name
Function
Reset
Value
R/W
31:16
Unused
0x0000
R
15:14
TXIFL
Transmit Interrupt Fill Level (SEITX):
00 = Interrupt, if one or more Tx values can be stored
01 = Interrupt, if two or more Tx values can be stored
10 = Interrupt, if three or more Tx values can be stored
11 = Interrupt, if four or more Tx values can be stored
The first setting (TXIFL = 00) should be used, if the DMA Controller
is used for transferring values for TXSEI transmissions.
00
R/W
13:12
RXIFL
Receive Interrupt Fill Level (SEIRX):
00 = Interrupt, if one or more Rx values are stored
01 = Interrupt, if two or more Rx values are stored
10 = Interrupt, if three or more Rx values are stored
11 = Interrupt, if four or more Rx values are stored
The first setting (RXIFL = 00) should be used, if the DMA Controller
is used for transferring values from TXSEI receptions.
00
R/W
11
SILIE
SEI IDLE Interrupt Enable:
0 = Disable SIDLE as an interrupt source for SEIEXC
1 = Enable SIDLE as an interrupt source for SEIEXC
0
R/W
10
SOEIE
SEI Overflow Error Interrupt Enable:
0 = Disable SEOE as an interrupt source for SEIEXC
1 = Enables SEOE as an interrupt source for SEIEXC
0
R/W
9
SUEIE
SEI Underflow Error Interrupt Enable:
0 = Disable SEUE as an interrupt source for SEIEXC
1 = Enables SEUE as an interrupt source for SEIEXC
0
R/W
8
STFIE
SEI Transfer Format Error Interrupt Enable:
0 = Disable SETF as an interrupt source for SEIEXC
1 = Enable SETF as an interrupt source for SEIEXC
0
R/W
7:6
Wired to zero
0R
5
SSIVAL
SSI valid
Determines if the Slave Select input signal is valid in master mode
or not. If valid, the SSI signal will be observed in master mode to
generate a transfer format error.
0 = SSI not valid in master mode
1 = SSI valid in master mode
0
R/W
4
IFSPSE
Inter Frame Space Prescaler Enable (valid only in master mode).
0 = IFS prescaler disabled
1 = IFS prescaler enabled
0
R/W
3
MSTR
Master / Slave Mode Select
0 = TXSEI is configured as slave
1 = TXSEI is configured as master
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com