Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 155 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 155 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 151Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 152Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 153Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 154Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 155Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 156Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 157Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 158Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 159Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 225 page
background image
Chapter 8 Parallel Interface (PORT)
Preliminary
8-2
Register
Physical
Address (hex)
Function of One Bit
Reset
Value
PALMX
1C03 000C
Controls edge detection for interrupt generation
0 = Cause an interrupt on falling edge
1 = Cause an interrupt on rising edge
The contents of this register show no effect, if PAMSK is set to 0.
0
PAL
1C03 0008
Interrupt flag
0 = No interrupt has occurred on pin
1 = Interrupt has occurred on pin
Bits in this register are set, when a rising edge or a falling edge (depending
on PALMX setting) on the corresponding PIO pin is detected and the PIO
was enabled for interrupts (PAMSK). Flags are only set if the PIO is
configured to be an input (PACR) and is used by the PORT module
(PAMUX). Each flag can be reset to 0 by writing a 0 to it. Before you can
reset a PORT-interrupt in the interrupt controller, you must reset the interrupt
flag in PAL register.
Writing 1 to this register has no effect.
0
Pin Assignment
The PAMUX register in the PORT module and the SEIMUX bits in the Chip Configuration Register (CCR)
determine the use of the PIO pins. The following table shows the pin use and the corresponding bit settings:
Register Settings
PIO0 .. PIO15
PIO16 .. PIO29
PAMUX = 0
PORT
PORT
PAMUX = 1 and SEIMUX = 0
GDC
UART
PAMUX = 1 and SEIMUX = 1
GDC
TXSEI
Example for register configuration:
Task
Solution
pins 0 to 15 are used by GDC,
pins 16 to 29 are used by PORT
=>
PAMUX = 0x0000FFFF
pins 16 to 20 are used as outputs,
pins 21 to 29 are used as inputs
=>
PACR = 0x000F0000
following pins should cause an interrupt
- a signal change from low to high on pin 24
- a signal change from high to low on pin 25
=>
PAMSK = 0x03000000
PALMX = 0x01000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com