Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 152 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 152 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 148Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 149Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 150Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 151Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 152Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 153Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 154Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 155Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 156Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 225 page
background image
Chapter 7 CAN Module (TXCAN)
Preliminary
7-31
7.5.2
Transmitting Messages
The following flowchart shows the handling of transmit objects by using the transmit interrupt IRQ1.
It is also possible to use polling. In this case, the “waiting for IRQ1” in the flowchart must be
replaced by polling TA. Enabling interrupts and clearing MBTIF must be removed from the flow.
Setup a mailbox for
message transmission
Configure mailbox for
transmission:
set MDn to “0”
Disable mailbox:
set MCn to “0”
Setup mailbox identifier
and IDE bit for standard
or extended ID
Enable interrupts:
set MBIMn to “1”
Enable mailbox:
set MCn to “1”
End of setup
Transmitting messages
New setup for
the mailbox?
Yes
Update mailbox
data?
No
Write new data to the
mailbox
Yes
Set transmission
request:
set TRSn to “1”
Transmission
requested?
No
No
Yes
No
Yes
Check TA to determine
the mailbox with TA set
Choose transmission
order:
setup MTOS
Special user tasks ...
(Update mailbox data?)
Clear TA and MBTIF
and return from interrupt
service routine
Wait for IRQ1
Figure 7.5.2 Transmitting Objects Using IRQ1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com