Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 154 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 154 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 150Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 151Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 152Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 153Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 154Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 155Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 156Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 157Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 158Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 225 page
background image
Chapter 8 Parallel Interface (PORT)
Preliminary
8-1
8.
Parallel Interface (PORT)
The PORT-module is a general-purpose parallel interface. The PORT-Module contains the following features:
•
30 pins
•
each pin can be configured independently as input or output
•
each pin can generate an interrupt on rising or falling edge of input-signal
The PORT module shares its pins with modules GDC, TXSEI and UART.
Bit assignment of all PORT registers:
Bit
3130
292827
262524
Pin
wired to zero
PIO29
PIO28
PIO27
PIO26
PIO25
PIO24
Access
RO
R/W
R/W
R/W
R/W
R/W
R/W
Bit
2322
212019
181716
Pin
PIO23
PIO22
PIO21
PIO20
PIO19
PIO18
PIO17
PIO16
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
1514
131211
10
9
8
Pin
PIO15
PIO14
PIO13
PIO12
PIO11
PIO10
PIO9
PIO8
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
7
6
543
210
Pin
PIO7
PIO6
PIO5
PIO4
PIO3
PIO2
PIO1
PIO0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Register Function:
Each bit of the following registers is assigned to the corresponding pin. The table below describes the
function of each register for one pin.
Register
Physical
Address (hex)
Function of One Bit
Reset
Value
PAMUX
1C03 0014
Determines which module uses the pin. Each bit in this register represents
the setting of one PIO. The upper both bits (31 and 30) are not relevant,
because the TMPR3916F provides 30 PIOs.
0 = PORT module uses the pin
1 = GDC, TXSEI or UART (depending on the pin)
Further descriptions see section “Pin Assignment” on next side.
0
PA
1C03 0000
This register contains data read from PORT pins or written to PORT pins.
When a pin is used as input, then the corresponding bit in this register is read
only.
0
PACR
1C03 0004
Direction of pin
0 = Input
1 = Output
The contents of this bit shows no effect, when PAMUX = 1.
0
PAMSK
1C03 0010
Interrupt enable
0 = Disable interrupt
1 = Enable interrupt
Whether the interrupt caused on falling or rising edge of input signal, depends
on the contents of PALMX register. When the pin is used by another resource
or the pin is used as output, the interrupt is inhibited.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com