Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 150 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 150 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 146Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 147Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 148Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 149Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 150Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 151Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 152Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 153Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 154Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 225 page
background image
Chapter 7 CAN Module (TXCAN)
Preliminary
7-29
7.4.5
Test Error Mode
The error counters can only be written when TXCAN is in test error mode.
The “test error mode” shall only be enabled or disabled when TXCAN is in suspend mode. Figure
7.4.2 shows the set-up procedure.
When TXCAN is in “test error mode” both error counters will be written at the same time with the
same value. The maximum value that can be written into the error counters is 255. Thus, the error
counter value of 256 which forces TXCAN into bus off mode can not be written into the error counters.
7.4.6
Special Modes for Dual Channel CAN
•
Modifications due to adding a second CAN Channel
•
Bits are required from the CCR register.
•
SingleChannelEmu and CanTstInternal. Setting the CanTstInternal to “1” switches to an internal
testmode, which is a internal connection independent from any external pins or transceivers.
Internal Test Mode
TXCAN1
&
TXCAN2
RXCAN1
RXCAN2
CHIP Border
Figure 7.4.3 Internal Test Mode
•
The Signal “SingleChannelEmu” connects 2 channels to be able to work on only 1 transceiver.
Single Transceiver Mode
TXCAN1
&
TXCAN2
TX
RXCAN1
Transceiver
RX
RXCAN2
CHIP Border
Figure 7.4.4 Single Transceiver Mode
The following table shows the bit function of CANM in the Chip Configuration Register (CCR):
CANM
CAN Mode
00
Normal operation
X1
Internal Test mode
10
1 Transceiver - Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com