Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 147 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 147 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 143Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 144Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 145Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 146Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 147Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 148Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 149Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 150Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 151Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 225 page
background image
Chapter 7 CAN Module (TXCAN)
Preliminary
7-26
7.4.2
Sleep Mode
The sleep mode will be requested by writing a “1” to SMR (MCR register). When the module enters
the sleep mode, the status bit “sleep mode acknowledge” (SMA, GSR register) will be set.
During sleep mode, the internal clock of TXCAN is switched off. Only the wake up logic will be
active. The read value of the GSR will be f040h, this means, there is no message in slot and the sleep
mode is active (SMA is set). Read accesses to all other registers will deliver the value 0000h. Write
accesses to all registers but the MCR will be denied.
The module leaves the sleep mode if a write access to MCR has been detected or there is any bus
activity detected on the CAN bus line (if the wake-up on bus activity is enabled).
The automatic “wake up on bus activity” can be enabled/disabled with the configuration bit WUBA
in MCR.
If there is a write access to MCR or any activity on the CAN bus line (with WUBA = 1), the module
begins its power-up sequence. The module waits until detecting 11 consecutive recessive bits on the RX
input line, afterwards it goes to bus active. The first message that initiates the bus activity cannot be
received.
In sleep mode, the CAN error counters and all “transmission requests” (TRS) and “transmission reset
requests” (TRR) will be cleared. After leaving the sleep mode, SMR and SMA will be cleared.
If the sleep mode is requested while TXCAN is transmitting a message, the module will not switch to
the sleep mode immediately. It will continue until a successful transmission or after losing the
arbitration, until
•
a successful transmission or
•
after loosing the arbitration a successful reception
occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com