Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 146 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 146 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 142Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 143Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 144Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 145Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 146Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 147Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 148Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 149Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 150Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 225 page
background image
Chapter 7 CAN Module (TXCAN)
Preliminary
7-25
7.4
TXCAN Operation Modes
7.4.1
Configuration Mode
The TXCAN has to be initialized before activation. The bit timing parameters can only be modified
when the module is in configuration mode. After reset, the configuration mode is active and the CCR
bit of MCR and the CCE bit of GSR are set to “1”. The TXCAN could be set to normal operation mode
by writing a “0” to CCR. After leaving configuration mode, the CCE bit will be set to “0” and the
power-up sequence will start. The power-up sequence consists of detecting eleven consecutive recessive
bits on the CAN bus line. After the power-up sequence, TXCAN is bus on and ready for operation.
To enter configuration mode from normal operation mode the change configuration request bit (CCR)
has to be set to “1”. After the TXCAN has entered configuration mode, the change configuration enable
bit (CCE) will be set to “1”. See also the following flowchart.
When the TXCAN enters configuration mode the error counters, the time stamp counter and the time
stamp hold register will be cleared.
TXCAN is in configuration
mode: CCR=1 & CCE=1
Normal
operation
requested?
Set CCR to “0”
Yes
No
Switch to configuration
mode from normal
operation mode
Initialize TXCAN
after reset
Set bit timing
parameters in BCR1 &
BCR2
CCE = 0 ?
Yes
TXCAN is in normal
operation mode and
starts power-up
sequence
11 consecutive
recessive bits
detected?
TXCAN is bus on and
ready for operation
No
TXCAN is in normal
operation mode:
CCR=0 & CCE=0
Configuration
mode requested?
Yes
Set CCR to “1”
CCE = 1 ?
No
No
Yes
Yes
No
Figure 7.4.1 Configuration Flow Chart for TXCAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com