Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 145 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 145 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 141Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 142Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 143Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 144Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 145Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 146Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 147Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 148Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 149Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 225 page
background image
Chapter 7 CAN Module (TXCAN)
Preliminary
7-24
Mailbox Interrupt Flag Registers (MBTIF/MBRIF)
Bit
15
14
0
Name
MBTIF
Bit
15
0
Name
MBRIF
There are two interrupt flag registers. One for receive mailboxes and one for transmit mailboxes. If a
mailbox is configured as receive, the corresponding bits in the transmit interrupt flag register MBTIF
will always be read as “0”. In MBTIF, bit 15 is not implemented, because mailbox 15 is the receive-
only mailbox. Bit 15 of MBTIF will always be read as “0”. If a mailbox is configured as transmit, the
corresponding bits in MBRIF will always be read as “0”.
If a message has been received for mailbox “n” and the mask bit is set to “1” the corresponding
interrupt flag “n” of MBRIF will be set to “1” and the interrupt line IRQ0 goes active high (“1”).
If a message has been transmitted from mailbox “n” and the mask bit is set to “1” the corresponding
interrupt flag “n” of MBTIF will be set to “1” and the interrupt line IRQ1 goes active high (“1”).
If the mask bit in MBIM is set to “0”, the interrupt flag in MBRIF or MBTIF will not be set and no
interrupt will be generated. The information about a successful transmission or reception could be read
from the TA or RMP register respectively.
The interrupt output lines IRQ0 and IRQ1 will stay at “1” as long as one of the interrupt flags in
MBRIF or MBTIF are “1” respectively and the corresponding bits in MBIM are set to “1”.
The interrupt flags in MBTIF will be cleared by writing a “1” from the MCU to MBTIF and the
interrupt flags in MBRIF will be cleared by writing a “1” to MBRIF. Writing a “0” has no effect. The
corresponding status flags in TA or RMP have to be cleared separately.
After power-up, all interrupt flags are cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com