Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 141 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 141 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 137Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 138Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 139Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 140Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 141Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 142Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 143Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 144Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 145Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 225 page
background image
Chapter 7 CAN Module (TXCAN)
Preliminary
7-20
The free running time stamp counter and the time stamp hold register will be cleared in the following
cases:
•
After reset (power-up reset or software reset)
•
When the module enters configuration mode
•
When the module enters sleep mode
•
When a write access to the time stamp prescale register is performed
7.2.9
Status Registers
Global Status Register (GSR)
Bit
1514
131211
10
9
8
Name
MsgInSlot
RM
TM
SUA
Bit
7
6
543
210
Name
CCE
SMA

TSO
BO
EP
EW
Bit
Name
Function
Reset
Value
Mode
15:12
Msg
InSlot
Message In Slot
1111 = No transmit message in slot
0000 = Message 0 is in the transmission slot
...
1110 = Message 14 is in the transmission slot
1111
R
11
RM
Receive Mode
1 = TXCAN is receiving a message. That means TXCAN is not the
transmitter of the message and the bus is not idle.
0 = The CAN module is not receiving a message
0
R
10
TM
Transmit Mode
1 = TXCAN is transmitting a message. The module stays transmitter
until the bus is idle or it loses arbitration.
0 = The CAN module is not transmitting a message
0
R
9
Wired to zero
0R
8
SUA
Suspend Mode Acknowledge
1 = TXCAN is in suspend mode
0 = TXCAN is not in suspend mode
0
R
7
CCE
Change Configuration Enable
1 = The MCU is allowed to do write accesses to the configuration
registers.
0 = Write accesses to the configuration registers are denied.
1
R
6
SMA
Sleep Mode Acknowledge
1 = TXCAN has entered the sleep mode.
0 = Normal operation
0
R
5
Wired to zero
0R
4
Wired to zero
0R
3
TSO
Time Stamp Overflow Flag
1 = There was at least one overflow of the time stamp counter since
this bit has been cleared. To clear this bit, clear the TSOIF bit in
the GIF register.
0 = There was no overflow of the time stamp counter
0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com