Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 137 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 137 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 133Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 134Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 135Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 136Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 137Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 138Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 139Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 140Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 141Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 225 page
background image
Chapter 7 CAN Module (TXCAN)
Preliminary
7-16
7.2.7
Bit Configuration Registers
Bit Configuration Register 1 (BCR1)
Bit
15
8
7
0
Name
BRP
Bit
Name
Function
Reset
Value
Mode
15:8
Wired to zero
0R
7:0
BRP
BRP is the value of the baud rate prescaler.
0R/W
Bit Configuration Register 2 (BCR2)
Bit
1514
131211
10
9
8
Name
SJW
Bit
7
6
543
210
Name
SAM
TSEG2
TSEG1
Bit
Name
Function
Reset
Value
Mode
15:10
Wired to zero
0R
9:8
SJW
Indicates by how many units of time-quantums a bit is allowed to be
lengthened or shortened when re-synchronising.
00 = 1 time quantum
01 = 2 time quantums
10 = 3 time quantums
11 = 4 time quantums
0
R/W
7
SAM
Sample point setting (see below)
0R/W
6:4
TSEG2
Timing setting for sampling point (see below)
0R/W
3:0
TSEG1
Timing setting for sampling point (see below)
0R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com