Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3916 Datasheet(PDF) 136 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 136 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 132Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 133Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 134Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 135Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 136Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 137Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 138Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 139Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 140Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 225 page
background image
Chapter 7 CAN Module (TXCAN)
Preliminary
7-15
Bit
Name
Function
Reset
Value
Mode
5
TSBTEST
Toshiba Internal Test Mode
Always write this register as “0”.
0
R/W
4
WUBA
Wake Up on Bus Activity
0 = The module leaves the sleep mode only by detecting a write
access to MCR
1 = The module leaves the sleep mode by detecting any bus activity
or by detecting a write access to MCR.
0
R/W
3
MTOS
Mailbox Transmission Order Select
0 = Mailbox transmission order by mailbox number.
The mailbox with the lower number will be sent first.
1 = Mailbox transmission order by identifier priority.
The mailbox with the higher priority identifier will be sent first.
0
R/W
2
Wired to zero
0R
1
TSCC
Time Stamp Counter Clear
0 = No effect
1 = The time stamp counter will be cleared.
This bit can only be written and will always be read as zero.
0
R/W
0
SRES
Software Reset
0 = No effect
1 = A write access to this register causes a software reset of the
module (All parameters will be reset to their initial values).
This bit can only be written and will always be read as zero.
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com